Electronic Components Datasheet Search
  English  ▼

X  

HIP2101IRZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP2101IRZ
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2101IRZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP2101IRZ Datasheet HTML 6Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 7Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 8Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 9Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 10Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 11Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 12Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 13Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HIP2101
FN9025 Rev.10.00
Page 10 of 15
Aug 8, 2019
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to the web to make
sure that you have the latest revision
.
DATE
REVISION
CHANGE
Aug 8, 2019
FN9025.10
Added Related Literature.
Updated Links throughout.
Updated Ordering information by removing obsolete parts, adding tape and reel part information,
updating notes, and adding Note 3.
Removed About Intersil section.
Updated disclaimer.
Updated POD M8.15C to latest revision changes are as follows:
-Updated Millimeter MIN and MAX values for A from: 1.43 MIN and 1.68 MAX to: 1.422 MIN and 1.700
MAX
-Updated Inch MAX for A from: 0.066 to: 0.067
-A1 Inches changed MIN from: 0.001 to 0.0, and A1 Millimeters MIN from 0.03 to 0.0
-L Millimeter Min changed from: 0.41 to 0.406
Nov 12, 2015
FN9025.9
- Updated Ordering Information Table on page2.
- Added Revision History.
- Added About Intersil Verbiage.
- Updated POD L12.4X4A to latest revision changes are as follow:
Updated to new POD format by removing table listing dimensions and moving dimensions onto
drawing.
Added Typical Recommended Land Pattern.
Bottom View changed "3.2 REF" TO "2.5 REF"
Typical Recommended Land Pattern changed "3.80" to "3.75"
From: Tiebar shown (if present) is a non-functional feature.
To: Tiebar shown (if present) is a non-functional feature and may be located on any of the 4 sides (or
ends).
- Updated POD M8.15 to latest revision changes are as follow:
Updated to new POD format by removing table and moving dimensions onto drawing and adding land
pattern.
Changed in Typical Recommended Land Pattern the following:
2.41(0.095) to 2.20(0.087)
0.76 (0.030) to 0.60(0.023)
0.200 to 5.20(0.205)
Changed Note 1 "1982" to "1994"
- Updated POD M8.15C to most current version.
Removed "u" symbol from drawing (overlaps the "a" on Side View).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com