Electronic Components Datasheet Search
  English  ▼

X  

HIP2101IRZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP2101IRZ
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2101IRZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP2101IRZ Datasheet HTML 1Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 2Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 3Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 4Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 5Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 6Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 7Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 8Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
HIP2101
FN9025 Rev.10.00
Page 2 of 15
Aug 8, 2019
Ordering Information
PART NUMBER
(Notes 2, 3)
TEMP.
RANGE (°C)
TAPE AND REEL
(Units) (Note 1)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
HIP2101IBZ
-40 to 125
-
8 Ld SOIC
M8.15
HIP2101IBZT
-40 to 125
2.5k
8 Ld SOIC
M8.15
HIP2101IBZT7A
-40 to 125
250
8 Ld SOIC
M8.15
HIP2101EIBZ
-40 to 125
-
8 Ld EPSOIC
M8.15C
HIP2101EIBZT
-40 to 125
2.5k
8 Ld EPSOIC
M8.15C
HIP2101IRZ
-40 to 125
-
16 Ld 5x5 QFN
L16.5x5
HIP2101IRZT
-40 to 125
6k
16 Ld 5x5 QFN
L16.5x5
HIP2101IR4Z
-40 to 125
-
12 Ld 4x4 DFN
L12.4x4A
HIP2101IR4ZT
-40 to 125
6k
12 Ld 4x4 DFN
L12.4x4A
NOTES:
1. See TB347 for details about reel specifications.
2. Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which
are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J-STD-020C.
3. For Moisture Sensitivity Level (MSL), see the HIP2101 device page. For more information about MSL, see TB363.
Pinouts
HIP2101 (SOIC, EPSOIC)
TOP VIEW
HIP2101IR4 (DFN)
TOP VIEW
HIP2101 (QFN)
TOP VIEW
NOTE: EPAD = Exposed PAD.
5
6
8
7
4
3
2
1
VDD
HB
HO
HS
LO
LI
HI
VSS
EPAD
VDD
NC
NC
HB
HO
LO
VSS
NC
NC
LI
HS
HI
2
3
4
1
5
11
10
9
12
8
6
7
EPAD
1
3
4
15
HB
HO
16
14
13
2
12
10
9
11
6
57
8
VSS
LI
NC
NC
NC
NC
EPAD
Pin Descriptions
SYMBOL
DESCRIPTION
VDD
Positive Supply to lower gate drivers. De-couple this pin to VSS. Bootstrap diode connected to HB.
HB
High-Side Bootstrap supply. External bootstrap capacitor is required. Connect positive side of bootstrap capacitor to this pin.
Bootstrap diode is on-chip.
HO
High-Side Output. Connect to gate of High-Side power MOSFET.
HS
High-Side Source connection. Connect to source of High-Side power MOSFET. Connect negative side of bootstrap capacitor to
this pin.
HI
High-Side input.
LI
Low-Side input.
VSS
Chip negative supply, generally will be ground.
LO
Low-Side Output. Connect to gate of Low-Side power MOSFET.
EPAD
Exposed pad. Connect to ground or float. The EPAD is electrically isolated from all other pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com