Electronic Components Datasheet Search
  English  ▼

X  

HIP2101IRZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HIP2101IRZ
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2101IRZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HIP2101IRZ Datasheet HTML 7Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 8Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 9Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 10Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 11Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 12Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 13Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 14Page - Renesas Technology Corp HIP2101IRZ Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
HIP2101
FN9025 Rev.10.00
Page 14 of 15
Aug 8, 2019
Index
Area
E
D
N
12
3
-B-
0.25 (0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
Seating Plane
0.10(0.004)
h x 45°
C
H
0.25(0.010)
B
M
M
P1
12
3
P
Bottom View
N
Top View
Side View
M8.15C
8 Lead Narrow Body Small Outline Exposed Pad
Plastic Package (EPSOIC)
Symbol
Inches
Millimeters
Notes
Min
Max
Min
Max
A
0.056
0.067
1.422
1.700
-
A1
0.0
0.005
0.0
0.13
-
B
0.0138
0.0192
0.35
0.49
9
C
0.0075
0.0098
0.19
0.25
-
D
0.189
0.196
4.80
4.98
3
E
0.150
0.157
3.811
3.99
4
e
0.050 BSC
1.27 BSC
-
H
0.230
0.244
5.84
6.20
-
h
0.010
0.016
0.25
0.41
5
L
0.016
0.035
0.406
0.89
6
N8
8
7
α
0°
8°
0°
8°
-
P
-
0.126
-
3.200
11
P1
-
0.099
-
2.514
11
Rev. 2 5/19
Notes:
1. Symbols are defined in the “MO Series Symbol List” in
Section 2.2 of Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or
gate burrs. Mold flash, protrusion, and gate burrs shall not
exceed 0.15mm (0.006 inch) per side.
4. Dimension “E” does not include interlead flash or protrusions.
Interlead flash and protrusions shall not exceed 0.25mm
(0.010 inch) per side.
5. The chamfer on the body is optional. If it is not present, a
visual index feature must be located within the crosshatched
area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or
greater above the seating plane, shall not exceed a
maximum value of 0.61mm (0.024 inch).
10. Controlling dimension: Millimeter. Converted inch
dimensions are not necessarily exact.
11. Dimensions “P” and “P1” are thermal and/or electrical
enhanced variations. Values shown are maximum size of
exposed pad within lead count and body size.
α
For the most recent package outline drawing, see M8.15C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com