Electronic Components Datasheet Search
  English  ▼

X  

PYF14ESSB Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # PYF14ESSB
Description  Products Related to Common Sockets and DIN Tracks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PYF14ESSB Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button PYF14ESSB Datasheet HTML 4Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 5Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 6Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 7Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 8Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 9Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 10Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 11Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Products Related to Common Sockets and DIN Tracks
8
*1. The insulation resistance was measured with a 500-VDC insulation resistance meter at the same places as those used for measuring the
dielectric strength.
*2. There are restrictions in the current. Refer to the General Catalog for the OMRON Safety Components (Cat. No. Y106) for details.
Safety Precautions
Refer to Common Relay Precautions for general precautions.
P7SA-10
@
6 A *2
Between contact terminals of different polarity: 2,500 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,500 VAC for 1 min
Between coil and contact terminals: 2,500 VAC for 1 min
P7SA-14
@
6 A *2
Between contact terminals of different polarity: 2,500 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,500 VAC for 1 min
Between coil and contact terminals: 2,500 VAC for 1 min
Model
Continuous
carry current
Dielectric strength
Insulation
resistance*1
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com