Electronic Components Datasheet Search
  English  ▼

X  

PYF14ESSB Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # PYF14ESSB
Description  Products Related to Common Sockets and DIN Tracks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PYF14ESSB Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button PYF14ESSB Datasheet HTML 15Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 16Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 17Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 18Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 19Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 20Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 21Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 22Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
19
Products Related to Common Sockets and DIN Tracks
Note: Use a panel with a thickness of 1 to 2 mm when mounting a Socket on it.
Dimensions
Terminal
Arrangement/
Internal
Connections
Mounting hole and PCB dimensions
30.6
26.4
1.2
5
Eleven, 1.7-dia × 3.5 holes
0.3
20.5 max.
2.7
29.5 max.
32
max.
35 max.
2.5
20
29.5 max.
26.4
1.2
1.0
1.5
×1.0
2.7
32
max.
30.6
1.5
9
PT11QN
PT11
4
7
10
1
5
8
2
6
9
11
3
(Bottom View)
26.6+0.3
0
31±0.2
32 max.
6.2
4.3
2.7
25*
0.3
18 max.
29.5 max.
• The structure does not resist flux.
Manual soldering is recommended for
this product.
*Maintain a sufficient distance from the
pattern when using double-sided PCBs.
PT11-0
6.45
4.6
Eleven,
2.5-dia. holes
5.2
21.4
10
10
5.8
6.2
5.65
12.45
(±0.1 tolerance)
42.5 max.
0.3
5
Fourteen, 1.7-dia × 3.5 holes
2.7
20.5 max.
26.5 max.
29.5 max.
1.0
1.5×1.0
35 max.
2.7
2.5
20
1.5
42.5 max.
26.5 max.
29.5 max.
9
PT14
PT14QN
5
9
13
1
6
10
2
7
11
8
12
3
14
4
(Bottom View)
26.6+0.3
0
41±0.2
42.5 max.
29.5 max.
17.5 max.
2.7
4.3
26.5 max.
6.4
25*
0.3
• The structure does not resist flux.
Manual soldering is recommended for
this product.
*Maintain a sufficient distance from the
pattern when using double-sided PCBs.
PT14-0
5.1
31.4
10
5.8
10
10
6.4
12.45
4.6
6.45
5.45
Fourteen,
2.5-dia. holes
(±0.1 tolerance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com