Electronic Components Datasheet Search
  English  ▼

X  

PYF14ESSB Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # PYF14ESSB
Description  Products Related to Common Sockets and DIN Tracks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PYF14ESSB Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button PYF14ESSB Datasheet HTML 22Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 23Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 24Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 25Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 26Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 27Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 28Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 29Page - Omron Electronics LLC PYF14ESSB Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Products Related to Common Sockets and DIN Tracks
26
PL
(Unit: mm)
Dimensions
Terminal Arrangement/
Internal Connections
Mounting hole and PCB dimensions (bottom view)
30 dia.
Approx.
20.5
3.9
Two,
2 dia. holes
50.5 max.
50.5 max.
3.5
40
41
PL08
5
4
3
2
1
8
7
6
(Bottom View)
40±0.3
31-dia. hole
Two, 3.5 dia. or M3
device mounting holes
Two, 3.5 or M3
Socket mounting holes
L
L = 40 mm
MK2(Z)P
L = 74 mm
PU, AMD-S, MM2(X)P, CZ, STP, H3L,
TDS, DTS, DSP, TDF, TDV
L = 86 mm
61F-GP/-APN, G4Q-212S, RD2P,
RDA, TDA, AGF, SE, SAD, K2CU,
SDV-F
51 max.
35 max.
3.5
4
30 dia.
35 max.
16
1
t0.6×1.3
40
PL08-Q
40±0.3
31-dia. hole
Two 3.5-dia. or
two M3 Socket mounting holes
MK2(Z)P
29±0.1 dia.
14
15
t0.3
21.5 max.
PLE08-0
27.7±0.5 dia.
Two 3.5-dia.
Hold-down Clip mounting holes
45°
Eight, 2.5-dia. holes
40+0.1
0
MK2(Z)P
40
3.5
35 max.
30 dia.
Approx.
20.5
3.9
Two 2-dia.
holes
1
4
51 max.
PL11
6
5
4
3
2
1 11
10
9
8
7
(Bottom View)
40±0.3
31-dia. hole
Two, 3.5 dia. or M3 device mounting
/Hold-down Clip mounting holes
Two, 3.5 dia. or M3
Socket mounting holes
L
L = 40 mm
MK3P
MK2KP
L = 74 mm
MM3P
MK2(X)KP
L = 42 mm
MK3ZP
MK3LP
51 max.
35 max.
3.5
4
35 max.
16
1
t0.6×1.3
PL11-Q
14
22 max.
15
t0.3
29±0.1 dia.
PLE11-0
28.7±0.5
Two, 3.5-dia. holes
Applicable model/Hold-down Clip mounting holes
L
Eleven, 2.5-dia. holes
360°
11
L = 42 mm
MK3ZP
MK3LP
L = 40 mm
MK3P
MK2KP
66 max. 53
45 max.
41 max.
Two 2-dia.
holes
3.9
22 max.
4
41
PL15
3
4
5
6
7
8
9
10
1
2
12
13
14
15
11
(Bottom View)
4.2-dia. hole
Two, 3.5 dia. or M3
device mounting holes
Two, 3.5 dia. or M3
Socket mounting holes
74
53
MM3XP
MM4(X)P
MM3(X)KP
MM4(X)KP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com