Electronic Components Datasheet Search
  English  ▼

X  

TPS40222DRPR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS40222DRPR
Description  1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm ´ 3 mm SON PACKAGE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40222DRPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS40222DRPR Datasheet HTML 1Page - Texas Instruments TPS40222DRPR Datasheet HTML 2Page - Texas Instruments TPS40222DRPR Datasheet HTML 3Page - Texas Instruments TPS40222DRPR Datasheet HTML 4Page - Texas Instruments TPS40222DRPR Datasheet HTML 5Page - Texas Instruments TPS40222DRPR Datasheet HTML 6Page - Texas Instruments TPS40222DRPR Datasheet HTML 7Page - Texas Instruments TPS40222DRPR Datasheet HTML 8Page - Texas Instruments TPS40222DRPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
TPS40222
SLUS642A – OCTOBER 2005 – REVISED JANUARY 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TJ
OUTPUT VOLTAGE
PACKAGE
PART NUMBER
MEDIUM
QTY
TPS40222DRPT
Small tape and reel
250
-40°C to 125°C
Adjustable
Plastic SON (DRP)
TPS40222DRPR
Large tape and reel
3000
over free-air temperature range unless otherwise noted(1)
TPS40222
UNIT
BOOST
19
SW (50 ns maximum)
–5
VIN
Input voltage range
SW
–2 to 16
V
AVIN, PVIN
10
FB
-0.3 to 2
IOUT
Output current source
SW
3.5
A
TJ
Operating junction temperature range
–40 to 160
Tstg
Storage temperature
–65 to 165
°C
Case temperature for 10 seconds per JSTD-020C
260
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VIN
Input voltage
4.5
8.0
V
IOUT
SW node output current
0
1.6
A
TJ
Operating junction temperature
-40
125
°C
MIN
MAX
UNIT
Human body model
2500
V
CDM
1500
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com