Electronic Components Datasheet Search
  English  ▼

X  

TPS40222DRPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS40222DRPR
Description  1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm ´ 3 mm SON PACKAGE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40222DRPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40222DRPR Datasheet HTML 3Page - Texas Instruments TPS40222DRPR Datasheet HTML 4Page - Texas Instruments TPS40222DRPR Datasheet HTML 5Page - Texas Instruments TPS40222DRPR Datasheet HTML 6Page - Texas Instruments TPS40222DRPR Datasheet HTML 7Page - Texas Instruments TPS40222DRPR Datasheet HTML 8Page - Texas Instruments TPS40222DRPR Datasheet HTML 9Page - Texas Instruments TPS40222DRPR Datasheet HTML 10Page - Texas Instruments TPS40222DRPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
2.8
2.7
2.9
2.5
2.6
2.4
6.0
6.5
7.0
4.5
5.5
5.0
VIN − Input Voltage − V
TJ − Junction Temperature − °C
2.8
2.7
2.9
2.5
2.6
2.4
−50
−25
0
25
75
100
125
50
TJ − Junction Temperature − °C
−50
−25
0
25
75
100
125
50
0.15
0.20
0.25
0.30
0.35
TJ − Junction Temperature − °C
−50
450
400
550
500
650
600
700
−25
0
25
75
100
125
50
Maximum
Minimum
TPS40222
SLUS642A – OCTOBER 2005 – REVISED JANUARY 2006
TYPICAL CHARACTERISTICS (continued)
OVERCURRENT
OVERCURRENT
vs
vs
INPUT VOLTAGE
JUNCTION TEMPERATURE (VIN=5V)
Figure 5.
Figure 6.
SWITCHING MOSFET ON-RESISTANCE
SOFT-START TIME
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 7.
Figure 8.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com