Electronic Components Datasheet Search
  English  ▼

X  

TPS40222DRPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS40222DRPR
Description  1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm ´ 3 mm SON PACKAGE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40222DRPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS40222DRPR Datasheet HTML 9Page - Texas Instruments TPS40222DRPR Datasheet HTML 10Page - Texas Instruments TPS40222DRPR Datasheet HTML 11Page - Texas Instruments TPS40222DRPR Datasheet HTML 12Page - Texas Instruments TPS40222DRPR Datasheet HTML 13Page - Texas Instruments TPS40222DRPR Datasheet HTML 14Page - Texas Instruments TPS40222DRPR Datasheet HTML 15Page - Texas Instruments TPS40222DRPR Datasheet HTML 16Page - Texas Instruments TPS40222DRPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
Capacitor Selection
1
2
L
O
I
O
2
v
1
2
C
O
V
OS
2
* VO
2
(6)
C
MIN +
I
O
Dt
D V
OUT
+ 6.1 mF
(7)
TPS40222
SLUS642A – OCTOBER 2005 – REVISED JANUARY 2006
One constraint on the capacitance is the overshoot allowed by a sudden load change. The worst case for a
transient load release occurs at the time when the inductor has just finished a tON pulse. At this point, the
inductor is operating at maximum current. When the output load is suddenly removed, all of the inductor current
must be absorbed by the output capacitance. With a typical output voltage overshoot requirement of 2% at 3.3-V,
the minimum capacitance required to remain in specification is calculated using Equation 6.
where
• V
OS is the maximum overshoot voltage
• L
O = 2.2 µH
• I
O = 1.5 A
• V
O = 3.3 V
Solving this relationship, the minimum required output capacitance CO is 11-µF.
The other load transition extreme is from no load to full load that occurs just after a minimum on-time cycle has
started. At this point, the controller has to support this load for the remainder of the cycle with a minimum of
current available from the inductor. In this example, the minimum on-time with a 3.3-V output is 528 ns and the
off-time is 800 ns minus 528 ns = 272 ns. Using the relationship shown in Equation 7;
where
• ∆V
OUT is a 2% specified output voltage droop
• I
O = 1.5 A
• ∆t = 272 ns
Ceramic capacitors with a low ESR are used to achieve the lowest voltage ripple. For example, current 1206,
6.3-V capacitors that provide 22
µF and an ESR of 2 mΩ are available.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com