Electronic Components Datasheet Search
  English  ▼

X  

RT8230A Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8230A
Description  High Efficiency Single Synchronous Buck PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8230A Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8230A Datasheet HTML 1Page - Richtek Technology Corporation RT8230A Datasheet HTML 2Page - Richtek Technology Corporation RT8230A Datasheet HTML 3Page - Richtek Technology Corporation RT8230A Datasheet HTML 4Page - Richtek Technology Corporation RT8230A Datasheet HTML 5Page - Richtek Technology Corporation RT8230A Datasheet HTML 6Page - Richtek Technology Corporation RT8230A Datasheet HTML 7Page - Richtek Technology Corporation RT8230A Datasheet HTML 8Page - Richtek Technology Corporation RT8230A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
RT8237E
3
DS8237E-02
October 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Block Diagram
+
-
COMP
VREF
S1
Q
Latch
S1
Q
Latch
+
-
OV
+
-
UV
125%
VREF
70%
VREF
+
-
125% VREF
Thermal
Shutdown
DEM/FCCM
DRV
DRV
FB
VCC
UGATE
PHASE
PGOOD
GND
LGATE
RF
BOOT
EN
R
Q
S
X(-1/8)
+
-
PWM
+
-
90% VREF
SS
Timer
POR
CS
VCC
PHASE
10µA
+
-
X(1/8)
Min. tOFF
QTRIG
On-time
Compute
TRIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com