Electronic Components Datasheet Search
  English  ▼

X  

RT8230A Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8230A
Description  High Efficiency Single Synchronous Buck PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8230A Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8230A Datasheet HTML 1Page - Richtek Technology Corporation RT8230A Datasheet HTML 2Page - Richtek Technology Corporation RT8230A Datasheet HTML 3Page - Richtek Technology Corporation RT8230A Datasheet HTML 4Page - Richtek Technology Corporation RT8230A Datasheet HTML 5Page - Richtek Technology Corporation RT8230A Datasheet HTML 6Page - Richtek Technology Corporation RT8230A Datasheet HTML 7Page - Richtek Technology Corporation RT8230A Datasheet HTML 8Page - Richtek Technology Corporation RT8230A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
RT8237E
4
DS8237E-02
October 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT8237E integrates a Constant-On-Time (COT) PWM
controller, and the controller provides the PWM signal
which relies on the output ripple voltage comparing with
internal reference voltage.
The UGATE driver is turned on at the beginning of each
cycle. After the internal one-shot timer expires, the UGATE
driver will be turned off. The pulse width of this one-shot is
determined by the converter's input voltage and the output
voltage to keep the frequency fairly constant over the input
voltage and output voltage range.
Power On Reset, UVLO
Power On Reset (POR) occurs when VCC rises above to
approximately 4.1V (typical), the RT8237E will reset the
fault latch and prepare the PWM for operation. When the
input voltage below 3.7V(min), the Under Voltage Lockout
(UVLO) circuitry inhibits switching by keeping UGATE and
LGATE low.
Soft-Start
The output voltage will track the internal ramp voltage during
soft-start interval to prevent large inrush current and output
voltage overshoot while the converter is being powered
up.
Mode Selection
The RT8237E supports mode selection through the RF
by connecting a resistor from the RF pin to either GND or
PGOOD. When the resistor is connected to GND, the
controller operates in diode emulation mode. When the
resistor is connected to PGOOD, the controller operates
in CCM mode.
Current Limit Setting
The RT8237E has a cycle-by-cycle current limit control.
The current limit circuit employs a unique
“valley” current
sensing algorithm. If the magnitude of the sensing signal
at PHASE is above the current limit threshold, the PWM
is not allowed to initiate a new cycle.
Over Voltage Protection
The output voltage can be continuously monitored for over
voltage condition. When the output voltage exceeds 25%
of its set voltage threshold, the UGATE goes low and the
LGATE is forced high.
Under Voltage Protection
The output voltage can be continuously monitored for under
voltage condition. When the output voltage is less than
70% of its set voltage, under voltage protection is triggered
and then both UGATE and LGATE gate drivers are forced
low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com