Electronic Components Datasheet Search
  English  ▼

X  

341 Datasheet(PDF) 1 Page - Carl Kammerling International Limited

Part # 341
Description  Redline VDE Pliers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited

341 Datasheet(HTML) 1 Page - Carl Kammerling International Limited

  341 Datasheet HTML 1Page - Carl Kammerling International Limited 341 Datasheet HTML 2Page - Carl Kammerling International Limited 341 Datasheet HTML 3Page - Carl Kammerling International Limited 341 Datasheet HTML 4Page - Carl Kammerling International Limited 341 Datasheet HTML 5Page - Carl Kammerling International Limited 341 Datasheet HTML 6Page - Carl Kammerling International Limited 341 Datasheet HTML 7Page - Carl Kammerling International Limited 341 Datasheet HTML 8Page - Carl Kammerling International Limited 341 Datasheet HTML 9Page - Carl Kammerling International Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Copyright Carl Kammerling International Ltd
PRODUCT SPECIFICATION
Brand
C.K
Product Range
Redline VDE Pliers
Catalogue number
341 & 39071
Date
05/02/2015
Range Description
A range of VDE approved Professional Electricians Pliers
and cutters
Combination Pliers
Electrician’s Pliers
Combicutter3
Range Features
 Certified & approved by the world renowned VDE
institute of Germany
 Each tool is tested to 10,000v for the complete
assurance of safety when working on live
equipment up to 1000v AC
 GS (Gerpruffe Sicherheit) safety marked
 Ergonomic dual compound handle offering the
perfect balance of grip and comfort
 Induction hardened and precision ground cutting
edges for the ultimate in performance
Electrician’s Pliers
A development of combination pliers specially designed to
give Electricians:
1. Better access in tight situations
2. Effectively grips the square nuts of gutter screws
used on cable management systems and control
boxes
3. Hold pins and nails vertically for easy driving
Combicutters
The combicutter range was developed following extensive
research with professional electricians, and contains
combinations of the three following key features
1. Wire stripping notches
– quick and easy to use
without the risk of cable damage
2. Wire bending anvil
– a totally unique feature that
makes doubling back wire quick, reliable and
damage free
3. Patress screw shear
– a auto aligning shearing
hole that allows damage free cutting of patress
screws
The range consists of 3 combicutters, top of the range is
the combicutter3 which has all three features making the
job easier; quicker and damage free


Similar Part No. - 341

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
341 ETC2-341 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
EDAC, All Rights Reserv...
341-005-500-101 EDAC-341-005-500-101 Datasheet
532Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-500-101 EDAC-341-005-500-101 Datasheet
135Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-500-102 EDAC-341-005-500-102 Datasheet
532Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-500-102 EDAC-341-005-500-102 Datasheet
135Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
More results

Similar Description - 341

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D00634 ETC2-D00634 Datasheet
33Kb / 1P
VDE Snipe Nose Pliers
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
UNIFOX-C-VDE-M PHOENIX-UNIFOX-C-VDE-M Datasheet
53Kb / 2P
UNIFOX ... VDE-insulated combination pliers in straight and angled versions
UNIFOX-F-VDE PHOENIX-UNIFOX-F-VDE Datasheet
52Kb / 2P
Flat-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-P-VDE PHOENIX-UNIFOX-P-VDE Datasheet
50Kb / 2P
Needle-nose pliers with blade, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-R-VDE PHOENIX-UNIFOX-R-VDE Datasheet
48Kb / 3P
Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
WIREFOX-10-VDE PHOENIX-WIREFOX-10-VDE Datasheet
49Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested
1212529 PHOENIX-1212529 Datasheet
48Kb / 2P
Pointed pliers - UNIFOX-PE VDE
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com