Electronic Components Datasheet Search
  English  ▼

X  

341 Datasheet(PDF) 7 Page - Carl Kammerling International Limited

Part # 341
Description  Redline VDE Pliers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited

341 Datasheet(HTML) 7 Page - Carl Kammerling International Limited

Back Button 341 Datasheet HTML 3Page - Carl Kammerling International Limited 341 Datasheet HTML 4Page - Carl Kammerling International Limited 341 Datasheet HTML 5Page - Carl Kammerling International Limited 341 Datasheet HTML 6Page - Carl Kammerling International Limited 341 Datasheet HTML 7Page - Carl Kammerling International Limited 341 Datasheet HTML 8Page - Carl Kammerling International Limited 341 Datasheet HTML 9Page - Carl Kammerling International Limited 341 Datasheet HTML 10Page - Carl Kammerling International Limited 341 Datasheet HTML 11Page - Carl Kammerling International Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Copyright Carl Kammerling International Ltd
Technical
product
information
Cutting capacities
Cutting Capacity mm diameter wire
Hard
Med/Hard
Soft
Item No
Description
2200MPa
1600MPa
220MPa
431001
Redline VDE Combination pliers 165mm
1.6
2.5
>4.0
431002
Redline VDE Combination pliers 185mm
1.6
2.5
>4.0
431003
Redline VDE Combination pliers 205mm
2.0
2.8
>4.0
431004
Redline VDE Combicutter1 Side cutters
160mm
1.6
2.5
>4.0
431009
Redline VDE Combicutter2 Side cutters
160mm
1.0
1.5
>4.0
431008
Redline VDE Combicutter3 Side cutters
160mm
1.0
1.5
>4.0
431017
Redline VDE Side cutters 160mm
1.6
2.5
>4.0
431018
Redline VDE Side cutters 140mm
1.4
1.9
>4.0
431019
Redline VDE Wire stripping Side cutters
160mm
1.6
2.5
>4.0
431005
Redline VDE Side cutters 180mm
1.8
2.3
>4.0
431006
Redline VDE Heavy duty side cutter 175mm
2.0
2.5
>4.0
431007
Redline VDE Heavy duty side cutters 200mm
2.5
3.0
>4.0
431030
Redline VDE Heavy duty cable cutters
175mm
-
-
>16.0
431031
Redline VDE Heavy duty cable cutters
210mm
-
-
>20.0
431013
Redline VDE Snipe nose pliers 175mm
1.4
2.0
>4.0
431014
Redline VDE Snipe nose pliers 200mm
1.6
2.0
>4.0
431015
Redline VDE Bent nose pliers 200mm
1.6
2.5
>4.0
431012
Redline VDE Wire stripping pliers 160mm
-
-
0.3 to 5.0
T39071-
1180
Redline VDE combicutter1 max
1.8
2.3
>4.0
T39071-
3180
Redline VDE combicutter3 max
1.8
2.3
>4.0
T39077-
180
Redline VDE Access pliers 180mm
1.6
2.5
>4.0
Standards
compliance
Electrical safety
Fully approved and independently audited by the German VDE institute to VDE
0682/201:2005 01
IEC 60900:2004
Dimensional and performance
Side cutters
– ISO 5749, ASTM-F 1505
Combination pliers
– ISO 5746, ASTM-F 1505
Snipe and Bent nose pliers
– ISO 5745, ASTM-F 1505
User health
and safety
information
Users are advised to regularly examine their VDE tools, even the slightest damage
to the insulated handles could compromise the insulation integrity and potentially
expose the user to the risk of injury or even death



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com