Electronic Components Datasheet Search
  English  ▼

X  

341 Datasheet(PDF) 6 Page - Carl Kammerling International Limited

Part # 341
Description  Redline VDE Pliers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited

341 Datasheet(HTML) 6 Page - Carl Kammerling International Limited

Back Button 341 Datasheet HTML 2Page - Carl Kammerling International Limited 341 Datasheet HTML 3Page - Carl Kammerling International Limited 341 Datasheet HTML 4Page - Carl Kammerling International Limited 341 Datasheet HTML 5Page - Carl Kammerling International Limited 341 Datasheet HTML 6Page - Carl Kammerling International Limited 341 Datasheet HTML 7Page - Carl Kammerling International Limited 341 Datasheet HTML 8Page - Carl Kammerling International Limited 341 Datasheet HTML 9Page - Carl Kammerling International Limited 341 Datasheet HTML 10Page - Carl Kammerling International Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Copyright Carl Kammerling International Ltd
431008
Redline VDE Combicutter3 Side cutters 160mm
5051074310088
82032090
3
431009
Redline VDE Combicutter2 Side cutters 160mm
5051074310095
82032090
3
431012
Redline VDE Wire stripping pliers 160mm
5051074310125
82032090
3
431013
Redline VDE Snipe nose pliers 175mm
5051074310132
82032090
3
431014
Redline VDE Snipe nose pliers 200mm
5051074310149
82032090
3
431015
Redline VDE Bent nose pliers 200mm
5051074310156
82032090
3
431016
Redline VDE Waterpump pliers 250mm
5051074310163
82032090
3
431017
Redline VDE Side cutters 160mm
5051074310170
82032090
3
431018
Redline VDE Side cutters 140mm
5051074310187
82032000
3
431019
Redline VDE Wire stripping Side cutters 160mm
5051074310191
82032090
3
431030
Redline VDE Heavy duty cable cutters 175mm
5013969310320
82032090
3
431031
Redline VDE Heavy duty cable cutters 210mm
5013969310313
82032090
3
331001
Redline VDE Pliers and Dextro VDE Screwdriver
Kit 9 piece. CONTENTS: Redline VDE
combicutter1™ sidecutters 160mm. Wire stripping
pliers 200mm. Snipe nose pliers 170mm.
Dextro™ VDE screwdrivers 3 x slotted parallel,
sizes: 2.5 x 75, 3.0 x 100 & 5.5 x 125mm. 2 x PZ,
sizes: 1 x 80 & 2 x 100mm.
Mainstester 3 x 65mm.
5051073310010
82060000
1
331002
Redline VDE Pliers and SensoPlus Screwdriver Kit
9 piece.
CONTENTS: Redline VDE combicutter1™
sidecutters 160mm, Wire stripping pliers 200mm,
Snipe nose pliers 170mm.
Dextro™ VDE Screwdrivers slotted parallel 2.5 x
75mm, 3.0 x 100mm & 5.5 x 125mm. PH 1 x
80mm & 2 x 100mm.
Mainstester 3x65mm
5051073310027
82060000
1
331003
Redline VDE Pliers and SensoPlus Screwdriver Kit
9 piece. CONTENTS: Redline VDE Sidecutters
160mm, Wire stripping pliers 200mm, Snipe nose
pliers 170mm,
Dextro™ VDE Screwdrivers - Slotted parallel 2.5 x
75mm, 3.0 x 100mm & 5.5 x 125mm. PZ 1 x
80mm & 2 x 100mm.
Mainstester 3x65mm
5051073310034
82060000
1
331004
Redline VDE Pliers and SensoPlus Screwdriver Kit
9 piece. CONTENTS: Redline VDE Sidecutters
160mm, Wire stripping pliers 200mm, Snipe nose
pliers 170mm,
Dextro™ VDE Screwdrivers - Slotted parallel 2.5 x
75mm, 3.0 x 100mm & 5.5 x 125mm. PH 1 x
80mm & 2 x 100mm.
Mainstester 3x65mm
5051073310041
82060000
1
531008
Combicutter3 counter box of 12 display
5013969310085
82032090
1
T39071-
1180
Redline VDE combicutter1 max 180mm
5013969700169
82032090
3
T39071-
3180
Redline VDE combicutter3 max 180mm
5013969700176
82032090
3
T39077-
180
Redline VDE Access pliers 180mm
5013969701876
82032090
3
T3805
Redline VDE Pliers Set of 3 Contains 431002,
431004, 431014
5013969979879
82032090
1
316001
Tool Wallet
5013969160017
42021299
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com