Electronic Components Datasheet Search
  English  ▼

X  

NB679A Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # NB679A
Description  28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679A Datasheet(HTML) 2 Page - Monolithic Power Systems

  NB679A Datasheet HTML 1Page - Monolithic Power Systems NB679A Datasheet HTML 2Page - Monolithic Power Systems NB679A Datasheet HTML 3Page - Monolithic Power Systems NB679A Datasheet HTML 4Page - Monolithic Power Systems NB679A Datasheet HTML 5Page - Monolithic Power Systems NB679A Datasheet HTML 6Page - Monolithic Power Systems NB679A Datasheet HTML 7Page - Monolithic Power Systems NB679A Datasheet HTML 8Page - Monolithic Power Systems NB679A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NB679A
–28V VIN, FIXED 5.1V-8A BUCK CONVERTER WITH LDO AND LP# VOUT SCALING
NB679A Rev. 1.03
www.MonolithicPower.com
2
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
NB679AGD
QFN-12 (2mm x 3mm)
See Below
* For Tape & Reel, add suffix
–Z (e.g. NB679AGD–Z)
TOP MARKING
APA: Product code of NB679AGD
Y: Year code
LLL: Lot number
PACKAGE REFERENCE
Top View
VCC
AGND
LDO
PGND
BST
SW
VOUT
Vin
1
8
12
11
10
9
2
7
LP#
PG
NC
EN
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com