Electronic Components Datasheet Search
  English  ▼

X  

NB679A Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # NB679A
Description  28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679A Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button NB679A Datasheet HTML 9Page - Monolithic Power Systems NB679A Datasheet HTML 10Page - Monolithic Power Systems NB679A Datasheet HTML 11Page - Monolithic Power Systems NB679A Datasheet HTML 12Page - Monolithic Power Systems NB679A Datasheet HTML 13Page - Monolithic Power Systems NB679A Datasheet HTML 14Page - Monolithic Power Systems NB679A Datasheet HTML 15Page - Monolithic Power Systems NB679A Datasheet HTML 16Page - Monolithic Power Systems NB679A Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
NB679A
–28V VIN, FIXED 5.1V-8A BUCK CONVERTER WITH LDO AND LP# VOUT SCALING
NB679A Rev. 1.03
www.MonolithicPower.com
13
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Figure 3: DCM Operation
As the output current increases from the light-
load condition, the time period within which the
current modulator regulates becomes shorter.
The HS-FET is turned on more frequently. Hence,
the switching frequency increases accordingly.
The output current reaches the critical level when
the current modulator time is zero. The critical
level of the output current is determined using
Equation (1):
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2 L F
V

 
(1)
The device enters PWM mode once the output
current exceeds the critical level. After that, the
switching frequency stays fairly constant over the
output current range.
DC Auto-Tune Loop
NB679A applies the DC auto-tune loop to
balance the DC error between VFB and VREF by
adjusting the comparator input REF to make VFB
always follow VREF. This loop is quite small, so it
improves the load and line regulation without
affecting
the
transient
performance.
The
relationship between VFB, VREF, and REF is
shown in Figure 4.
VFB
REF
VREF
DC
Error
Figure 4: DC Auto-Tune Loop Operation
Large Duty Operation
The NB679A supports larger duty operation
(5.6Vin to 5.1Vout) by its internal Ton extension
function. When FB is lower than VREF and
Vin - Vo < 2V, the Ton can be extended,
extending the duty cycle. If FB > REF or Ton
meets its limitation, Ton will stop extending
Light-Load Ultrasonic Mode (USM)
Ultrasonic mode (USM) is designed to keep the
switching frequency above an audible frequency
area during light-load or no-load conditions.
Once the part detects both the HS-FET and the
LS-FET are off (for about 32µs), it reduces the
Ton so as to keep Vout under regulation with
optimal efficiency. If the load continues to reduce,
the part discharges the Vout to make sure the FB
is smaller than 102% of the internal reference.
The HS-FET will turn on again once the internal
FB reaches VREF and then stops switching.
USM is selected by the EN voltage level. When
EN is in the range of 1.4V to 1.8V, it enters USM.
If EN is in the range of 2.6V to
3.6V, then it
operates in normal mode.
Configuring the EN Control
The NB679A has one EN pin to control the on/off
of the internal regulators and LDO. See Table 2
for the NB679A EN logics
Table 2: EN Control
State
EN
VCC
VOUT
5V LDO
S0
1
ON
ON
ON
S3/S5
0
OFF
OFF
OFF
For automatic start-up, EN can be pulled up to
the input voltage through a resistive voltage
divider.
See the “UVLO Protection” section for
additional details.
Configuring the LP# Control
The NB679A implements a voltage scaling
function on low-power mode by controlling LP#
(see Table 3).
Table 3: LP# Control
State
LP#
VOUT(V)
S0
1
5.1V
S3/S5
0
4.85V
Soft Start (SS)
The
NB679A
employs
a
soft-start
(SS)
mechanism to ensure smooth output during
power-up. When EN goes high, the internal
reference voltage ramps up gradually; hence, the
output voltage ramps up smoothly as well. Once
the reference voltage reaches the target value,
the soft start finishes, and the part
enters
steady-state operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com