Electronic Components Datasheet Search
  English  ▼

X  

NB679A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # NB679A
Description  28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button NB679A Datasheet HTML 8Page - Monolithic Power Systems NB679A Datasheet HTML 9Page - Monolithic Power Systems NB679A Datasheet HTML 10Page - Monolithic Power Systems NB679A Datasheet HTML 11Page - Monolithic Power Systems NB679A Datasheet HTML 12Page - Monolithic Power Systems NB679A Datasheet HTML 13Page - Monolithic Power Systems NB679A Datasheet HTML 14Page - Monolithic Power Systems NB679A Datasheet HTML 15Page - Monolithic Power Systems NB679A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
NB679A
–28V VIN, FIXED 5.1V-8A BUCK CONVERTER WITH LDO AND LP# VOUT SCALING
NB679A Rev. 1.03
www.MonolithicPower.com
12
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
PWM Operation
The NB679A is a fully integrated, synchronous,
rectified, step-down, switch-mode converter with
a fixed 5.1V output. Constant-on-time (COT)
control provides fast transient response and
eases loop stabilization. At the beginning of each
cycle, the high-side MOSFET (HS-FET) is turned
on when the feedback voltage (VFB) is below the
reference
voltage
(VREF),
which
indicates
insufficient output voltage. The on period is
determined by the output voltage and the input
voltage to make the switching frequency fairly
constant over the input voltage range.
After the on period elapses, the HS-FET is turned
off or enters an off state. It is turned on again
when VFB drops below VREF. By repeating
operation this way, the converter regulates the
output voltage. The integrated low-side MOSFET
(LS-FET) is turned on when the HS-FET is in its
off state to minimize the conduction loss. A dead
short occurs between the input and GND if both
the HS-FET and the LS-FET are turned on at the
same time (shoot-through). In order to avoid
shoot-through, a dead time (DT) is generated
internally between the HS-FET off and the LS-
FET on period or the LS-FET off and the HS-FET
on period.
Internal compensation is applied for COT control
for
stable
operation
even
when
ceramic
capacitors are used as output capacitors. This
internal
compensation
improves
the
jitter
performance without affecting the line or load
regulation.
Heavy-Load Operation (CCM)
Figure 2: CCM Operation
Continuous conduction mode (CCM) occurs
when the output current is high, and the inductor
current is always above zero amps (see Figure 2).
When VFB is below VREF, the HS-FET is turned on
for a fixed interval. When the HS-FET is turned
off, the LS-FET is turned on until the next period.
In CCM operation, the switching frequency is
fairly constant (PWM mode).
Light-Load Power Save Mode (DCM)
When the load decreases, the inductor current
will decrease as well. Once the inductor current
reaches zero, the part transitions from CCM to
discontinuous conduction mode (DCM).
DCM operation is shown in Figure 3. When VFB is
below VREF, the HS-FET is turned on for a fixed
interval, which is determined by the one-shot on
timer. See Equation 1. When the HS-FET is
turned off, the LS-FET is turned on until the
inductor current reaches zero. In DCM operation,
the VFB does not reach VREF when the inductor
current is approaching zero. The LS-FET driver
turns into tri-state (high Z) when the inductor
current reaches zero. A current modulator takes
over the control of the LS-FET and limits the
inductor current to less than -1mA. Hence, the
output capacitors discharge slowly to GND
through the LS-FET. As a result, the efficiency
during a light-load condition is improved greatly.
The HS-FET is not turned on as frequently during
a light-load condition as it is during a heavy-load
condition (skip mode).
At a light-load or no-load condition, the output
drops very slowly, and the NB679A reduces the
switching frequency naturally, achieving high
efficiency at light load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com