Electronic Components Datasheet Search
  English  ▼

X  

SIC1182KQ Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # SIC1182KQ
Description  Up to 8 A Single Channel SiC MOSFET and IGBT Gate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SIC1182KQ Datasheet(HTML) 2 Page - Power Integrations, Inc.

  SIC1182KQ Datasheet HTML 1Page - Power Integrations, Inc. SIC1182KQ Datasheet HTML 2Page - Power Integrations, Inc. SIC1182KQ Datasheet HTML 3Page - Power Integrations, Inc. SIC1182KQ Datasheet HTML 4Page - Power Integrations, Inc. SIC1182KQ Datasheet HTML 5Page - Power Integrations, Inc. SIC1182KQ Datasheet HTML 6Page - Power Integrations, Inc. SIC1182KQ Datasheet HTML 7Page - Power Integrations, Inc. SIC1182KQ Datasheet HTML 8Page - Power Integrations, Inc. SIC1182KQ Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Rev. C 12/22
2
SIC1181KQ / SIC1182KQ
www.power.com
Pin Functional Description
VCC Pin (Pin 1)
This pin is the primary-side supply voltage connection.
GND Pin (Pin 3-6)
This pin is the connection for the primary-side ground potential.
All primary-side voltages refer to this pin.
IN Pin (Pin 7)
This pin is the input for the logic command signal.
SO Pin (Pin 8)
This pin is the output for the logic fault signal (open drain).
NC Pins (Pin 9)
This pin must be un-connected. Minimum PCB pad size for soldering
is required.
VEE Pin (Pin 10)
Common (MOSFET source) output supply voltage.
SNS Pin (Pin 11)
This pin is the sense input detecting short-circuit events at turn-on
and limiting overvoltages at turn-off.
SiC MOSFET with sense function can be used with SNS pin as
over-current monitor.
VGXX Pin (Pin 12)
This pin is the bootstrap and charge pump supply voltage source.
GH Pin (Pin 13)
This pin is the driver output-sourcing current (turn-on) connection.
VISO Pin (Pin 14)
This pin is the secondary-side positive supply voltage.
COM Pin (Pin 15)
This pin provides the secondary-side reference potential.
GL Pin (Pin 16)
This pin is the driver output-sinking current (turn-off) connection.
Figure 3. Functional Block Diagram.
Figure 4. Pin Configuration.
PI-8774b-080619
IN
GND
VEE
COM
GL
GH
VISO
VISO
VGXX
SNS
+15 V...
0 V
...-4 V...
VISO
VEE
COM
CORE
LOGIC
SO
VCC
GALVANIC ISOLATION
FluxLink
TRANSCEIVER
(BIDIRECTIONAL)
CORE LOGIC
SUPPLY MONITORING
FAILURE MANAGEMENT
SIGNAL PROCESSING
GATE DRIVER
CONTROL
TRANSCEIVER
(BIDIRECTIONAL)
LEVEL
SHIFTER
BOOTSTRAP
CHARGE PUMP
VEE CONTROLLER
POWER MANAGEMENT
VDS MEASUREMENT
or OVERCURRENT SENSE
AROC
TURN-ON
TURN-OFF
UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com