Electronic Components Datasheet Search
  English  ▼

X  

SID1132K Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # SID1132K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1132K Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button SID1132K Datasheet HTML 9Page - Power Integrations, Inc. SID1132K Datasheet HTML 10Page - Power Integrations, Inc. SID1132K Datasheet HTML 11Page - Power Integrations, Inc. SID1132K Datasheet HTML 12Page - Power Integrations, Inc. SID1132K Datasheet HTML 13Page - Power Integrations, Inc. SID1132K Datasheet HTML 14Page - Power Integrations, Inc. SID1132K Datasheet HTML 15Page - Power Integrations, Inc. SID1132K Datasheet HTML 16Page - Power Integrations, Inc. SID1132K Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Rev. H 09/19
13
SID11x2K
Parameter
Symbol
Conditions
T
J = -40 °C to +125 °C
See Note 1 (Unless Otherwise Specified)
Min
Typ
Max
Units
Electrical Characteristics (cont.)
Output Fall Time
t
F
No C
G, See Note 8
18
45
ns
C
G = 10 nF
See Note 8
SID1112K
See Note 12
1125
SID1132K
See Note 12
450
SID1152K
See Note 12
225
SID1182K
40
81
150
C
G = 47 nF
See Note 8
SID1112K
See Note 12
N/A
SID1132K
See Note 12
1950
SID1152K
See Note 12
975
SID1182K
300
460
650
ASSD Rate of Change
t
FSSD1
VGE change from 14.5 V to 14 V, See Note 12
60
ns
t
FSSD2
VGE change from 14.5 V to 2.5 V, See Note 12
950
1828
2800
Propagation Delay Jitter
See Note 12
±5
ns
Fault Signalization
Delay Time
t
FAULT
See Note 10
190
750
ns
SO Fault
Signalization time
t
SO
6.8
10
13.4
µs
Power-On
Start-Up Time
t
START
See Note 11
10
ms
Gate Sourcing
Peak Current GH Pin
I
GH
V
GH ≥ VTOT - 8.8 V
C
G = 470 nF
See Note 13
SID1112K
See Note 12
0.48
A
SID1132K
See Note 12
1.2
SID1152K
See Note 12
2.4
SID1182K
3.6
4.6
5.5
R
G = 0, CG = 47 nF
See Notes 2, 12, 13
SID1112K
0.96
SID1132K
2.4
SID1152K
4.8
SID1182K
7.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com