Electronic Components Datasheet Search
  English  ▼

X  

SID1132K Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # SID1132K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1132K Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button SID1132K Datasheet HTML 16Page - Power Integrations, Inc. SID1132K Datasheet HTML 17Page - Power Integrations, Inc. SID1132K Datasheet HTML 18Page - Power Integrations, Inc. SID1132K Datasheet HTML 19Page - Power Integrations, Inc. SID1132K Datasheet HTML 20Page - Power Integrations, Inc. SID1132K Datasheet HTML 21Page - Power Integrations, Inc. SID1132K Datasheet HTML 22Page - Power Integrations, Inc. SID1132K Datasheet HTML 23Page - Power Integrations, Inc. SID1132K Datasheet HTML 24Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Rev. H 09/19
21
SID11x2K
MSL Table
Part Number
MSL Rating
SID11x2K
3
ESD and Latch-Up Table
IEC 60664-1 Rating Table
Electrical Characteristics (EMI) Table
Test
Conditions
Results
Latch-up at 125 °C
JESD78D
> ±100 mA or > 1.5 × V
MAX on all pins
Human Body Model ESD
JESD22-A114F
> ±2000 V on all pins
Charged Device Model ESD
JESD22-C101
> ±500 V on all pins
Machine Model ESD
JESD22-A115C
> ±200 V on all pins
Parameter
Conditions
Specifications
Basic Isolation Group
Material Group
I
Installation Classification
Rated mains voltage ≤ 150 V
RMS
I - IV
Rated mains voltage ≤ 300 V
RMS
I - IV
Rated mains voltage ≤ 600 V
RMS
I - IV
Rated mains voltage ≤ 1000 V
RMS
I - III
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Common-Mode
Transient Immunity,
Logic High
CM
H
Typical values measured according to Figures
33, 34. Maximum values are design values
assuming trapezoid waveforms
-35 / 50
-100 / 100
kV/µs
Common-Mode
Transient Immunity,
Logic Low
CM
L
Typical values measured according to Figures
33, 34. Maximum values are design values
assuming trapezoid waveforms
-35 / 50
-100 / 100
kV/µs
Variable Magnetic Field
Immunity
H
HPEAK
See Note 15
1000
A/m
H
LPEAK
See Note 15
1000
Figure 33. Applied Common Mode Pulses for Generating Negative dv/dt.
Figure 34. Applied Common Mode Pulses for Generating Positive dv/dt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com