Electronic Components Datasheet Search
  English  ▼

X  

BAT54AW Datasheet(PDF) 2 Page - International Rectifier

Part # BAT54AW
Description  SCHOTTKY RECTIFIER 0.2 Amp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

BAT54AW Datasheet(HTML) 2 Page - International Rectifier

  BAT54AW Datasheet HTML 1Page - International Rectifier BAT54AW Datasheet HTML 2Page - International Rectifier BAT54AW Datasheet HTML 3Page - International Rectifier BAT54AW Datasheet HTML 4Page - International Rectifier BAT54AW Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAT54AW
Bulletin PD-20780 04/06
2
www.irf.com
Part number
Value
V
R
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
30
Voltage Ratings
I
F
Forward Current
0.2
A
DC, per Leg
I
FSM
Max. Peak One Cycle Non-Repetitive
8.4
A
5μs Sine or 3μs Rect. pulse
Surge Current, @ T
J = 25°C
1.0
A
10ms Sine or 6ms Rect. pulse
Parameters
Value Units
Conditions
Absolute Maximum Ratings
Following any rated
load condition and
with rated VRRM applied
T
J
Max.Junction Temperature Range(*)
- 65 to 150
°C
T
stg
Max. Storage Temperature Range
- 65 to 150
°C
R
th(j-a) Max. Thermal Resistance Junction
625
°C/W Mounted on PC board FR4 with minimum pad size
to Ambient
Wt
Approximate Weight
0.006
gr
Case Style
SOT323
Device Marking
JYWLC
Thermal-Mechanical Specifications
Parameters
Value
Units
Conditions
V
FM
Max. Forward Voltage Drop
(1)
0.24
V
@ 0.1mA
0.32
V
@ 1mA
V
FM
Max. Forward Voltage Drop
(1)
0.40
V
@ 10mA
0.50
V
@ 30mA
T
J = 25°C
0.65
V
@ 100mA
I
RM
Max. Reverse Leakage
(1)
2
μAV
R = 25V
Current
3
μAV
R = 30V
C
T
Max. Junction Capacitance
10
pF
V
R = 1VDC (test signal range 100KHz to 1Mhz), TJ = 25°C
dv/dt Max. Voltage Rate of Change
10000
V/μs
(Rated VR)
Electrical Specifications
Parameters
Value
Units
Conditions
(1) Pulse Width < 300μs, Duty Cycle < 2%
<
thermal runaway condition for a diode on its own heatsink
(*)dPtot
1
dTj
Rth( j-a)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com