Electronic Components Datasheet Search
  English  ▼

X  

BAT54AW Datasheet(PDF) 1 Page - International Rectifier

Part # BAT54AW
Description  SCHOTTKY RECTIFIER 0.2 Amp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

BAT54AW Datasheet(HTML) 1 Page - International Rectifier

  BAT54AW Datasheet HTML 1Page - International Rectifier BAT54AW Datasheet HTML 2Page - International Rectifier BAT54AW Datasheet HTML 3Page - International Rectifier BAT54AW Datasheet HTML 4Page - International Rectifier BAT54AW Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCHOTTKY RECTIFIER
0.2 Amp
BAT54AW
Bulletin PD-20780 04/06
1
www.irf.com
This Schottky barrier diode is designed for high speed switch-
ing application, voltage clamping and circuit protection.
Miniature surface mount packages with reduced foot print are
excellent for portable application where space is limited
Small foot print, surface mountable
Very low forward voltage drop
Extremely fast switching speed for high frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Description/ Features
Major Ratings and Characteristics
I
F
(DC)
0.2
A
V
RRM
30
V
I
FSM @ tp= 10 ms sine
1.0
A
V
F
@30mA DC, T
J= 25°C
0.5
V
P
d
Power Dissipation
200
mW
@ TA = 25°C
T
J
range
- 65 to 150
°C
Characteristics
Value
Units
Case Styles
SOT323
IF(AV) = 0.2Amp
VR = 30V
1
2
3
2
1
3
(A)
(K)
(K)


Similar Part No. - BAT54AW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54AW PANJIT-BAT54AW Datasheet
121Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54AW PHILIPS-BAT54AW Datasheet
29Kb / 5P
Schottky barrier double diodes
1996 Mar 19
logo
STMicroelectronics
BAT54AW STMICROELECTRONICS-BAT54AW Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Diodes Incorporated
BAT54AW DIODES-BAT54AW Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 2P-1
logo
Diotec Semiconductor
BAT54AW DIOTEC-BAT54AW Datasheet
384Kb / 2P
Surface mount Schottky-Barrier Double-Diodes
More results

Similar Description - BAT54AW

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6675 CDI-DIODE-1N6675 Datasheet
69Kb / 2P
0.2 AND 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
CDLL6675 CDI-DIODE-CDLL6675 Datasheet
69Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
CDLL0.2A20 MICROSEMI-CDLL0.2A20 Datasheet
51Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
BAT42W SECOS-BAT42W Datasheet
109Kb / 2P
0.2 AMP Schottky Barrier Rectifiers
BAT42WS SECOS-BAT42WS Datasheet
172Kb / 2P
0.2 AMP Schottky Barrier Rectifiers
SCS520S SECOS-SCS520S Datasheet
102Kb / 2P
0.2 Amp Surface Mount Schottky Barrier Rectifiers
BAT42W SECOS-BAT42W_15 Datasheet
233Kb / 2P
0.2 AMP Schottky Barrier Rectifiers
BAT42WS SECOS-BAT42WS_15 Datasheet
638Kb / 2P
0.2 AMP Schottky Barrier Rectifiers
logo
CHENG-YI ELECTRONIC CO....
SCS520S CHENG-YI-SCS520S Datasheet
124Kb / 2P
0.2 Amp Surface Mount Schottky Barrier Rectifiers
logo
Central Semiconductor C...
CPD48V-CBAT54 CENTRAL-CPD48V-CBAT54 Datasheet
320Kb / 3P
Schottky Diode Die 0.2 Amp, 30 Volt
R0 14-November 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com