Electronic Components Datasheet Search
  English  ▼

X  

BAT54AW Datasheet(PDF) 4 Page - International Rectifier

Part # BAT54AW
Description  SCHOTTKY RECTIFIER 0.2 Amp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

BAT54AW Datasheet(HTML) 4 Page - International Rectifier

  BAT54AW Datasheet HTML 1Page - International Rectifier BAT54AW Datasheet HTML 2Page - International Rectifier BAT54AW Datasheet HTML 3Page - International Rectifier BAT54AW Datasheet HTML 4Page - International Rectifier BAT54AW Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAT54AW
Bulletin PD-20780 04/06
4
www.irf.com
Tape & Reel Information
Dimensions in millimeters
Outline SOT323
L
D
H
J
K
M
G
F
C
B
A
1
2
3
α
2
1
3
DIM
Millimeters
Inches
Min
Max
Min
Max
A
0.25
0.40
0.010
0.016
B
1.15
1.35
0.045
0.053
C
2.00
2.20
0.079
0.087
D
-
0.65
-
0.026
F
0.30
0.40
0.012
0.016
G
1.20
1.40
0.047
0.055
H
1.80
2.20
0.071
0.087
J
0.00
0.10
0.000
0.004
K
0.90
1.00
0.035
0.039
L
0.10
0.30
0.004
0.012
M
0.109
0.25
0.004
0.010
α
8°
8°
C
SOLDERING PAD
1.9"
0.025 mm
0.85"
0.075 mm
0.025 mm
0.65"
0.035 mm
0.9"
0.028 mm
0.7"
(A)
(K)
(K)
Ordering Information Table
Device
Package
Marking
Configuration
Base qty
Delivery mode
BAT54AW
SOT-323
JYWLC
Dual C. Anode
3000
Tape & Reel
Outline Table



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com