Electronic Components Datasheet Search
  English  ▼

X  

ETA4056 Datasheet(PDF) 5 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA4056
Description  1.2A/16V Fully Integrated Linear Charger for 1 Cell Li-ion Battery
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA4056 Datasheet(HTML) 5 Page - ETA SOLUTIONS CO. LIMITED

  ETA4056 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ETA4056
www.etasolution.com
5
Empower, Transcend, Achieve!
FUNCTION BLOCK DIAGRAM\
1
8
TA
TTEMP
TTEMP
Schmitt
CA
MA
VA
120
TDIE
80%VIN
45%VIN
NTC
EN
C1
REF
1.17V
C2
C3
2
ISET
6
7
STDBY
STAT
3
GND
5
BAT
4
VIN
SHDN
RISET
2.9V
BAT
1μA
FUNCTIONAL DECRIPTIONS
The ETA4056 is a single cell, fully integrated constant current (CC)/constant voltage (CV) Li-ion battery charger. It can
deliver up to 1200mA of charge current with a final float voltage accuracy of 1%. The ETA4056 has a build-in thermal
regulation circuitry that ensures its safe operation. No blocking diode or external current sense resistor is required;
hence reduce the external components for a basic charger circuit to two. The ETA4056 is also capable of operating
from a USB power source.
Normal Charge Cycle
The ETA4056 initiates a charge cycle once the voltage at the VIN pin rises above the UVLO threshold level. A 1%
precision resistor needs to be connected from the ISET pin to ground. If the voltage at the BAT pin is less than 2.9V,
the charger enters trickle charge mode. In this mode, the charge current is reduced to nearly 1/10 the programmed
value until the battery voltage is raised to a safe level for full current charging.
The charger switches to constant-current mode as the BAT pin voltage rises above 2.9V, the charge current is thus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com