Electronic Components Datasheet Search
  English  ▼

X  

ETA4056 Datasheet(PDF) 6 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA4056
Description  1.2A/16V Fully Integrated Linear Charger for 1 Cell Li-ion Battery
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA4056 Datasheet(HTML) 6 Page - ETA SOLUTIONS CO. LIMITED

Back Button ETA4056 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 10Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ETA4056
www.etasolution.com
6
Empower, Transcend, Achieve!
resumed to full programmed value. When the final float voltage (4.2V) is reached, the ETA4056 enters constant-voltage
mode and the charge current begins to decrease until it drops to 1/10 of the preset value and ends the charge cycle.
Programming Charge Current
The charge current is programmable by setting the value of a precision resistor connected from the ISET pin to ground.
The charge current is 1000 times of the current out of the ISET pin. The charge current out of the BAT pin can be
determined at any time by monitoring the ISET pin voltage using the following equation:
IBAT=
1
Rset
×1000-(
1
3.6
×
1
Rset
×1000)
2
Charge Termination
The ETA4056 keeps monitoring the ISET pin during the charging process. It terminates the charge cycle when the
charge current falls to 1/10 the programmed value after the final float voltage is reached. When the ISET pin voltage
falls below 100mV for longer than tTERM (typically 1ms), charging is terminated. The charge current is latched off and
the ETA4056 enters standby mode, where the input supply current drops to 200μA. (Note: C/10 termination is disabled
in trickle charging and thermal limiting modes).
During charging, the transient response of the circuit can cause the ISET pin to fall below 100mV temporarily before
the battery is fully charged, thus can cause a premature termination of the charge cycle. A 1ms filter time on the
termination comparator can prevent this from happening. Once the average charge current drops below 1/10 the
programmed value, the ETA4056 terminates the charge cycle and ceases to provide any current through the BAT pin.
In this state, all loads on the BAT pin must be supplied by the battery.
The ETA4056 constantly monitors the BAT pin voltage in standby mode and resume another charge cycle if this voltage
drops below the recharge threshold. User can also manually restart a charge cycle in standby mode either by removing
and then reapplied the input voltage or restart the charger using the ISET pin.
Charge Status Indicator (STAT and STDBY pin)
There are 2 different states of the charge status, one is IN CHRGING, and the other is CHARGING FINISHED. STAT
is the pin to pull low during IN CHARGING status and become high impedance in CHARGING FINISHED status. And
STDBY pin just works the opposite way, pulling low after charge finished, and high impedance when in charging.
Table 1:Charger Status Indication
Charger Status
STAT
STDBY
Charging
Low
Hi-Z
End of charge,ISET disable charger only
Hi-Z
Low
Vin OVP,NTC fault
Hi-Z
Hi-Z
No BAT/w BAT Pin has Cap(NTC Pin float/GND)
Blinking,(depend on Cap) Low
No BAT/w BAT Pin has no Cap(NTC Pin float/GND)
Blinking
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com