Electronic Components Datasheet Search
  English  ▼

X  

ETA4056 Datasheet(PDF) 7 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA4056
Description  1.2A/16V Fully Integrated Linear Charger for 1 Cell Li-ion Battery
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA4056 Datasheet(HTML) 7 Page - ETA SOLUTIONS CO. LIMITED

Back Button ETA4056 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 10Page - ETA SOLUTIONS CO. LIMITED ETA4056 Datasheet HTML 11Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ETA4056
www.etasolution.com
7
Empower, Transcend, Achieve!
High Temperature Fold-back
Build-in feedback circuitry mechanism can reduce the value of the programmed charge current once the die
temperature tends to rise above 50° C, hence prevents the temperature from further increase and ensure device safe
operation.
Under-voltage Lockout (UVLO)
Build-in under-voltage lockout circuit monitors the input voltage and keeps the charger in shutdown mode until VIN
rises above the under-voltage lockout threshold. The UVLO circuit has a built-in hysteresis of 500mV. Furthermore, to
protect against reverse current in the power MOSFET, the UVLO circuit keeps the charger in shutdown mode if VIN
falls to within 30mV of the battery voltage. If the UVLO comparator is tripped, the charger will not come out of shutdown
mode until VIN rises 100mV above the battery voltage.
Manual Shutdown
There are two methods can disable the IC charger:
1. Driver the EN pin to low.
2. Floating the ISET pin by removing the resistor from ISET pin to ground.
Once one of above conditions happen can put the device in shutdown mode. The battery drain current is thus reduced
to 250nA and the supply current to <50μA. Reconnecting the resistor back or driver EN pin high will restart a new
charge cycle.
Automatic Recharge
After the termination of the charge cycle, the ETA4056 constantly monitors the BAT pin voltage and starts a new charge
cycle when the battery voltage falls below 4.08V, keeping the battery at fully charged condition. ISET pin output enters
a strong pull-down state during recharge cycles.
Battery Temperature Monitoring
ETA4056 continuously monitors temperature by measuring the voltage of NTC pin. A negative or positive temperature
coefficient thermistor and an external voltage divider typically develop this voltage. ETA4056 compares this voltage
against its internal 80%VIN and 45%VIN thresholds to determine if charging is allowed. The temperature sensing circuit
is immune to any fluctuation in VIN, since both the external voltage divider and the internal thresholds 80%VIN and
45%VIN are referenced to VIN. If the NTC pin is connected to GND will disable the temperature-sensing feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com