Electronic Components Datasheet Search
  English  ▼

X  

TPS54550PWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS54550PWPR
Description  4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT™)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54550PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54550PWPR Datasheet HTML 9Page - Texas Instruments TPS54550PWPR Datasheet HTML 10Page - Texas Instruments TPS54550PWPR Datasheet HTML 11Page - Texas Instruments TPS54550PWPR Datasheet HTML 12Page - Texas Instruments TPS54550PWPR Datasheet HTML 13Page - Texas Instruments TPS54550PWPR Datasheet HTML 14Page - Texas Instruments TPS54550PWPR Datasheet HTML 15Page - Texas Instruments TPS54550PWPR Datasheet HTML 16Page - Texas Instruments TPS54550PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=12V
IN
V
=4.5V
IN
0.8912
0.8910
0.8908
0.8906
0.8904
0.8902
0.8900
0.8898
−50 −25
0
25
50
75
100 125 150
TJ − Junction Temperature − 5C
VIN = 12 V
7.50
7.75
8
8.25
8.50
0
5
10
15
20
25
V -InputVoltage-V
I
T =25°C
J
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
700 kHz
600 kHz
500 kHz
400 kHz
300 kHz
200 kHz
IO > 0.5 A
VI − Input Voltage − V
0
100
200
300
400
500
600
700
800
5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
IO > 0.5 A
VI − Input Voltage − V
VO = 3.3 V
VO = 2.5 V
VO = 1.8 V
VO = 1.5 V
VO = 0.9 V
VO = 1.2 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
700 kHz
600 kHz
500 kHz
400 kHz
300 kHz
200 kHz
IO = 0 A
VI − Input Voltage − V
0
100
200
300
400
500
600
700
800
5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
IO < 0.1 A
VI − Input Voltage − V
VO = 3.3 V
VO = 2.5 V
VO = 0.9 V
VO = 1.8 V
VO = 1.5 V
VO = 1.2 V
50
75
100
125
150
175
200
225
200
300
400
500
600
700
Switching Frequency − kHz
0
2
4
6
8
10
12
14
0
5
10
15
20
25
V I − Input Voltage − V
TPS54550
SLVS623A–MARCH 2006–REVISED APRIL 2006
ON RESISTANCE
CURRENT LIMIT
INTERNAL VOLTAGE REFERENCE
vs
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 5.
Figure 6.
Figure 7.
MAXIMUM SWITCHING
MINIMUM OUTPUT VOLTAGE
MINIMUM OUTPUT VOLTAGE
FREQUENCY
vs
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
INPUT VOLTAGE
Figure 8.
Figure 9.
Figure 10.
MAXIMUM SWITCHING
FREQUENCY
MAXIMUM OUTPUT VOLTAGE
RT RESISTANCE
vs
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
SWITCHING FREQUENCY
Figure 11.
Figure 12.
Figure 13.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com