Electronic Components Datasheet Search
  English  ▼

X  

TPS61007 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS61007
Description  TPS6100x Single- and Dual-Cell Boost Converter With Start-up Into Full Load
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61007 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61007 Datasheet HTML 1Page - Texas Instruments TPS61007 Datasheet HTML 2Page - Texas Instruments TPS61007 Datasheet HTML 3Page - Texas Instruments TPS61007 Datasheet HTML 4Page - Texas Instruments TPS61007 Datasheet HTML 5Page - Texas Instruments TPS61007 Datasheet HTML 6Page - Texas Instruments TPS61007 Datasheet HTML 7Page - Texas Instruments TPS61007 Datasheet HTML 8Page - Texas Instruments TPS61007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TPS61000, TPS61001, TPS61002, TPS61003
TPS61004, TPS61005, TPS61006, TPS61007
www.ti.com
SLVS279D – MARCH 2000 – REVISED AUGUST 2015
7.5 Electrical Characteristics
over recommended operating free-air temperature range, VBAT = 1.2 V, EN = VBAT (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 33 Ω
0.9
Input voltage for start up
VI
RL = 3 kΩ,
TA = 25°C
0.8
V
Input voltage once started
IO = 100 mA
0.8
Programmable output voltage TPS61000,
VO
IO = 100 mA
1.5
3.3
V
TPS61007
1.2 V,
IO = 1 mA
1.44
1.5
1.55
TPS61001
V
0.8 V < VI < VO,
IO = 100 mA
1.45
1.5
1.55
1.2 V,
IO = 1 mA
1,72
1.8
1.86
TPS61002
V
0.8 V < VI < VO,
IO = 100 mA
1.74
1.8
1.86
1.2 V,
IO = 1 mA
2.40
2.5
2.58
TPS61003
0.8 V < VI < VO,
IO = 100 mA
2.42
2.5
2.58
V
1.6 V < VI < VO,
IO = 200 mA
2.42
2.5
2.58
1.2 V,
IO = 1 mA
2.68
2.8
2.89
VO
Output voltage
TPS61004
0.8 V < VI < VO,
IO = 100 mA
2.72
2.8
2.89
V
1.6 V < VI < VO,
IO = 200 mA
2.72
2.8
2.89
1.2 V,
IO = 1 mA
2.88
3.0
3.1
TPS61005
0.8 V < VI < VO,
IO = 100 mA
2.9
3.0
3.1
V
1.6 V < VI < VO,
IO = 200 mA
2.9
3.0
3.1
1.2 V,
IO = 1 mA
3.16
3.3
3.4
TPS61006
0.8 V < VI < VO,
IO = 100 mA
3.2
3.3
3.4
V
1.6 V < VI < VO,
IO = 200 mA
3.2
3.3
3.4
VI = 0.8 V
100
mA
IO
Maximum continuous output current
VI = 1.8 V
250
TPS61001
0.5
TPS61002
0.65
TPS61003
0.9
I ILIM
Switch current limit
0.8 V < VI < VO
A
TPS61004
0.95
TPS61005
1
TPS61006
1.1
TPS61000,
VFB
Feedback voltage
468
500
515
mV
TPS61007
f
Oscillator frequency
360
500
840
kHz
DMAX
Maximum duty cycle
85%
rDS(on)
Switch-on resistance
VO = 3.3 V
0.18
0.27
Ω
Line regulation (1)
VI = 0.8 V to 1.25 V,
IO = 50 mA
0.3
%/V
Load regulation fixed output voltage
VI = 1.2 V,
IO = 10 mA to 90 mA
0.25%
versions (1)
IO = 0 mA,
VBAT
44
Quiescent current drawn from power source
IQ
VEN = VI,
µA
ower (current into VBAT and into VOUT)
VOUT
6
VO = 3.4 V
ISD
Shutdown current from power source
VEN = 0 V
0.2
5
µA
(current into VBAT and into VOUT)
0.2x
VIL
EN low-level input voltage
V
VBAT
0.8 ×
VIH
EN high-level input voltage
V
VBAT
(1)
Line and load regulation is measured as a percentage deviation from the nominal value (i.e., as percentage deviation from the nominal
output voltage). For line regulation, x %/V stands for ±x% change of the nominal output voltage per 1-V change on the input/supply
voltage. For load regulation, y% stands for ±y% change of the nominal output voltage per the specified current change.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS61000 TPS61001 TPS61002 TPS61003 TPS61004 TPS61005 TPS61006 TPS61007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com