Electronic Components Datasheet Search
  English  ▼

X  

TPS61007 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61007
Description  TPS6100x Single- and Dual-Cell Boost Converter With Start-up Into Full Load
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61007 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61007 Datasheet HTML 1Page - Texas Instruments TPS61007 Datasheet HTML 2Page - Texas Instruments TPS61007 Datasheet HTML 3Page - Texas Instruments TPS61007 Datasheet HTML 4Page - Texas Instruments TPS61007 Datasheet HTML 5Page - Texas Instruments TPS61007 Datasheet HTML 6Page - Texas Instruments TPS61007 Datasheet HTML 7Page - Texas Instruments TPS61007 Datasheet HTML 8Page - Texas Instruments TPS61007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
2
0
2
4
6
8
10
12
3
14
16 18 20
1
0
VOUT
EN
IOUT
80
60
20
100
120
140
0
40
Time - ms
5
6
TPS61006
9
8
1
10
3
2
7
4
SW
VBAT
LBI
NC
EN
VOUT
LBO
FB
COMP
GND
Low Battery
Warning
R4
10 k
R3
ON
OFF
R2
R1
C
10 F
L1
i
D1
V = 3.3 V
C1
O
100 pF
C2
33 nF
C
22 F
33 µH
o
µ
µ
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS61000, TPS61001, TPS61002, TPS61003
TPS61004, TPS61005, TPS61006, TPS61007
SLVS279D – MARCH 2000 – REVISED AUGUST 2015
TPS6100x Single- and Dual-Cell Boost Converter With Start-up Into Full Load
1 Features
3 Description
The TPS6100x devices are boost converters intended
1
•
Start-Up Into a Full Load With Supply Voltages as
for systems that are typically operated from a single-
Low as 0.9 V Over Full Temperature Range
or
dual-cell
nickel-cadmium
(NiCd),
nickel-metal
•
Minimum 100-mA Output Current From 0.8-V
hydride (NiMH), or alkaline battery. The converter
Supply Voltage, 250 mA From 1.8 V
output voltage can be adjusted from 1.5 V to a
maximum of 3.3 V and provides a minimum output
•
High Power Conversion Efficiency, up to 90%
current of 100 mA from a single battery cell and 250
•
Power-Save Mode for Improved Efficiency at Low
mA from two battery cells. The converter starts up
Output Currents
into a full load with a supply voltage of 0.9 V and
•
Device Quiescent Current Less Than 50 µA
stays in operation with supply voltages as low as 0.8
•
Added System Security With Integrated Low-
V.
Battery Comparator
The converter is based on a fixed-frequency, current-
•
Low-EMI Converter (Integrated Antiringing Switch
mode pulse-width-modulation (PWM) controller that
Across Inductor)
goes into power-save mode at low load currents. The
current through the switch is limited to a maximum of
•
Micro-Size 10-Pin MSOP Package
1100 mA, depending on the output voltage. The
•
Evaluation Modules Available
current sense is integrated to further minimize
(TPS6100xEVM–156)
external component count. The converter can be
disabled to minimize battery drain when the system is
2 Applications
put into standby.
•
Single- and Dual-Cell Battery Operated Products
A
low-EMI
mode
is
implemented
to
reduce
interference and radiated electromagnetic energy that
•
MP3-Players and Wireless Headsets
is caused by the ringing of the inductor when the
•
Pagers and Cordless Phones
inductor discharge-current decreases to zero. The
•
Portable Medical Diagnostic Equipment
device is packaged in the space-saving 10-pin MSOP
•
Remote Controls
package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS6100x
VSSOP (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Circuit for Fixed Output
TPS61006 Start-Up Timing Into 33-
Ω Load
Voltage Options
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS61007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61007 TI1-TPS61007 Datasheet
600Kb / 25P
Single- and Dual-Cell Boost Converter
TPS61007DGS TI-TPS61007DGS Datasheet
393Kb / 22P
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61007DGS TI1-TPS61007DGS Datasheet
997Kb / 26P
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61007DGSG4 TI1-TPS61007DGSG4 Datasheet
997Kb / 26P
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
500-mA - Adjustable Boost Converter for Single or Dual Cell
03-Aug-09
logo
Texas Instruments
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Monolithic Power System...
MP5410 MPS-MP5410 Datasheet
458Kb / 12P
Low Start-up Voltage Boost Converter with Four SPDT Switches
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Texas Instruments
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
Single- and Dual-Cell Boost Converter
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
High-Efficiency, 1-Cell and 2-Cell Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com