Electronic Components Datasheet Search
  English  ▼

X  

CRE2535 Datasheet(PDF) 3 Page - CRE Semiconductor Inc.

Part # CRE2535
Description  Primary-side controlled high-precision constant voltage/constant current PWM controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.

CRE2535 Datasheet(HTML) 3 Page - CRE Semiconductor Inc.

  CRE2535 Datasheet HTML 1Page - CRE Semiconductor Inc. CRE2535 Datasheet HTML 2Page - CRE Semiconductor Inc. CRE2535 Datasheet HTML 3Page - CRE Semiconductor Inc. CRE2535 Datasheet HTML 4Page - CRE Semiconductor Inc. CRE2535 Datasheet HTML 5Page - CRE Semiconductor Inc. CRE2535 Datasheet HTML 6Page - CRE Semiconductor Inc. CRE2535 Datasheet HTML 7Page - CRE Semiconductor Inc. CRE2535 Datasheet HTML 8Page - CRE Semiconductor Inc. CRE2535 Datasheet HTML 9Page - CRE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CRE2535/2536/2538
CRE2535/2536/2538
CRE2535/2536/2538
CRE2535/2536/2538
原边控制高精度恒压////恒流 PWM
PWM
PWM
PWM 控制器
第 3页 共 9 页
引脚功能说明:
引脚
名称
输入/输出
描述
1
VDD
P
电源
2
COMP
I
恒压模式的环路补偿端图腾柱输出。
3
INV
I
辅助绕组电压反馈输入端。此引脚通过一个电阻分
压器连接到反射输出电压的辅助绕组上。工作在脉
宽调制模式时,开关的占空比由误差放大器的输 出
COMP 和 4 脚上的电流检测信号 CS 决定
4
CS
I
电流检测输入端
5
DRAIN
O
MOSFEF 栅极,与变压器初级相连
6
GND
P
地
极限参数:
参数(Parameter)
值(Value)
单位(Unit)
VDD 电压
-0.3 - VDD_clamp
V
VDD 箝位的连续电流
10
mA
COMP 电压
-0.3 - 7
V
CS 输入电压
-0.3 - 7
V
INV 输入电压
-0.3 - 7
V
最小/最大工作接温度 Tj
-20 - 150
℃
最小/最大存储温度 Tstg
-55 - 150
℃
引脚温度(焊接时间 10S)
260
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com