Electronic Components Datasheet Search
  English  ▼

X  

HCPL0730 Datasheet(PDF) 4 Page - ON Semiconductor

Part # HCPL0730
Description  Low Input Current High Gain Split Darlington Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL0730 Datasheet(HTML) 4 Page - ON Semiconductor

  HCPL0730 Datasheet HTML 1Page - ON Semiconductor HCPL0730 Datasheet HTML 2Page - ON Semiconductor HCPL0730 Datasheet HTML 3Page - ON Semiconductor HCPL0730 Datasheet HTML 4Page - ON Semiconductor HCPL0730 Datasheet HTML 5Page - ON Semiconductor HCPL0730 Datasheet HTML 6Page - ON Semiconductor HCPL0730 Datasheet HTML 7Page - ON Semiconductor HCPL0730 Datasheet HTML 8Page - ON Semiconductor HCPL0730 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0700, HCPL0701, HCPL0730, HCPL0731 Rev. 1.0.1
3
Electrical Characteristics (T
A = 0 to 70°C unless otherwise specified)
Individual Component Characteristics
Transfer Characteristics
Isolation Characteristics
*All typicals at TA = 25°C
Symbol
Parameter
Test Conditions
Device
Min.
Typ.*
Max
Unit
EMITTER
VF
Input Forward
Voltage
IF = 1.6mA
TA = 25°C
HCPL0700/01
1.0
1.25
1.7
V
HCPL0730/31
1.35
All
1.75
BVR
Input Reverse
Breakdown Voltage
TA =25°C, IR = 10µA
All
5.0
DETECTOR
IOH
Logic High Output
Current
IF = 0mA, VO = VCC = 18V
HCPL0701/31
0.01
100
µA
IF = 0mA, VO = VCC = 7V
HCPL0700/30
0.01
250
ICCL
Logic Low Supply
Current
IF = 1.6mA, VO = Open, VCC = 18V
HCPL0700/01
0.4
1.5
mA
IF1 = IF2 = 1.6mA, VCC = 7V
HCPL0730
0.8
3
VO1 = VO2 = Open, VCC = 18V
HCPL0731
1
ICCH
Logic High
Supply Current
IF = 0mA, VO = Open, VCC = 18V
HCPL0700/01
10
µA
IF1 = IF2 = 0, VCC = 7V
HCPL0730
0.001
20
VO1 = VO2 = Open, VCC = 18V
HCPL0731
0.01
Symbol
Parameter
Test Conditions
Device
Min. Typ.* Max. Unit
CTR
COUPLED
IF = 0.5mA, VO = 0.4 V, VCC = 4.5V
HCPL0701/31
400
5000
%
Current Transfer
Ratio (Note 1, 2)
IF = 1.6mA,
VO = 0.4 V,
VCC = 4.5V
HCPL0700
300
2600
HCPL0701
500
2600
HCPL0730
300
5000
HCPL0731
500
5000
VOL
Logic Low Output
Voltage
IF = 0.5mA, IO = 2mA, VCC = 4.5V
HCPL0701
HCPL0731
0.4
V
IF = 1.6mA, IO = 8mA, VCC = 4.5V
0.4
IF = 5mA, IO = 15mA, VCC = 4.5V
0.4
IF = 12mA, IO = 24mA, VCC = 4.5V
0.4
IF = 1.6mA, IO = 4.8mA, VCC = 4.5V HCPL0700/0730
0.4
Symbol
Characteristics
Test Conditions
Min.
Typ.*
Max.
Unit
II-O
Input-Output
Insulation Leakage Current
Relative humidity = 45%,
TA = 25°C, t = 5 s,
VI-O = 3000 VDC (Note 4)
1.0
µA
VISO
Withstand Insulation Test
Voltage
RH ≤ 50%, TA = 25°C,
II-O ≤ 2µA, t = 1 min.
(Note 4, 5)
2500
VRMS
RI-O
Resistance (Input to Output)
VI-O = 500 VDC (Note 4)
1012
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com