Electronic Components Datasheet Search
  English  ▼

X  

HCPL0730 Datasheet(PDF) 8 Page - ON Semiconductor

Part # HCPL0730
Description  Low Input Current High Gain Split Darlington Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL0730 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button HCPL0730 Datasheet HTML 4Page - ON Semiconductor HCPL0730 Datasheet HTML 5Page - ON Semiconductor HCPL0730 Datasheet HTML 6Page - ON Semiconductor HCPL0730 Datasheet HTML 7Page - ON Semiconductor HCPL0730 Datasheet HTML 8Page - ON Semiconductor HCPL0730 Datasheet HTML 9Page - ON Semiconductor HCPL0730 Datasheet HTML 10Page - ON Semiconductor HCPL0730 Datasheet HTML 11Page - ON Semiconductor HCPL0730 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0700, HCPL0701, HCPL0730, HCPL0731 Rev. 1.0.1
7
Typical Performance Curves (Continued)
Fig. 13 Current Transfer Ratio vs. Input Forward Current
(HCPL0700, HCPL0701)
IF - INPUT FORWARD CURRENT (mA)
0.1
1
10
0
500
1000
1500
2000
2500
3000
3500
TA = 85°C
TA = 70°C
TA = 25°C
TA = 0°C
TA = -40°C
VCC = 5V
VO = 0.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com