Electronic Components Datasheet Search
  English  ▼

X  

HCPL0730 Datasheet(PDF) 7 Page - ON Semiconductor

Part # HCPL0730
Description  Low Input Current High Gain Split Darlington Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL0730 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button HCPL0730 Datasheet HTML 3Page - ON Semiconductor HCPL0730 Datasheet HTML 4Page - ON Semiconductor HCPL0730 Datasheet HTML 5Page - ON Semiconductor HCPL0730 Datasheet HTML 6Page - ON Semiconductor HCPL0730 Datasheet HTML 7Page - ON Semiconductor HCPL0730 Datasheet HTML 8Page - ON Semiconductor HCPL0730 Datasheet HTML 9Page - ON Semiconductor HCPL0730 Datasheet HTML 10Page - ON Semiconductor HCPL0730 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0700, HCPL0701, HCPL0730, HCPL0731 Rev. 1.0.1
6
Typical Performance Curves (Continued)
Fig. 7 Input Forward Current vs. Forward Voltage
(HCPL0700, HCPL0701)
Fig. 8 Input Forward Current vs. Forward Voltage
(HCPL0730, HCPL0731)
VF - FORWARD VOLTAGE (V)
1.1
1.2
1.3
1.4
1.5
1.6
0.001
0.01
0.1
1
10
100
TA = 85˚C
TA = 70˚C
TA = 25˚C
TA = 0˚C
TA = -40˚C
IF - INPUT FORWARD CURRENT (mA)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.1
0.2
0.3
0.4
0.5
VCC = 18V
VCC = 5V
Logic Low Supply Current vs.
Input Forward Current
Fig. 9 Logic Low Supply Current vs. Input Forward Current
(HCPL0700, HCPL0701)
Fig. 10 Supply Current vs. Input Forward Current
(HCPL0730, HCPL0731)
Fig. 11 DC Transfer Characteristics
(HCPL0700, HCPL0701)
Fig. 12 DC Transfer Characteristics
(HCPL0730, HCPL0731)
012
0
0
20
20
40
60
80
IF = 5.0mA
IF = 4.5mA
IF = 4.0mA
IF = 3.5mA
IF = 3.0mA
IF = 2.5mA
VCC= 5V
TA = 25˚C
IF = 0.5mA
IF = 1.0mA
IF = 1.5mA
IF = 2.0mA
T
A = 85°C
T
A = 70°C
T
A = 25°C
T
A = 0°C
T
A = -40°C
VF - FORWARD VOLTAGE (V)
1.1
1.0
0.9
1.2
1.3
1.4
1.5
1.6
1.7
0.001
0.01
0.1
1
10
100
T
A = 25°C
VCC = 18V
VCC = 7V
10
1
0.1
0.01
0.1
1.0
10
IF - INPUT FORWARD CURRENT (mA)
1mA
3.5mA
3mA
I
F = 5mA
T
A = 25°C
V
CC = 5V
2mA
2.5mA
1.5mA
0.5mA
4mA
I
F = 4.5mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
40
60
80
100
120
140
VO - OUTPUT VOLTAGE (V)
VO - OUTPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com