Electronic Components Datasheet Search
  English  ▼

X  

CSD95430 Datasheet(PDF) 9 Page - Texas Instruments

Part # CSD95430
Description  CSD95430RRB Synchronous Buck NexFET™ Smart Power Stage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD95430 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD95430 Datasheet HTML 4Page - Texas Instruments CSD95430 Datasheet HTML 5Page - Texas Instruments CSD95430 Datasheet HTML 6Page - Texas Instruments CSD95430 Datasheet HTML 7Page - Texas Instruments CSD95430 Datasheet HTML 8Page - Texas Instruments CSD95430 Datasheet HTML 9Page - Texas Instruments CSD95430 Datasheet HTML 10Page - Texas Instruments CSD95430 Datasheet HTML 11Page - Texas Instruments CSD95430 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
6.5 Recommended Stencil Opening
www.ti.com
EXAMPLE STENCIL DESIGN
.000 PKG
0
(
)
2.9
(
)
1.175
(
)
0.305
(
)
1.375
(
)
2.245
29X (0.6)
16X (0.25)
14X (0.45)
3X (
)
0.13
3X (
)
1.05
3X (
)
1.25
4X (
)
2.17
(
)
2.6
(
) TYP
3.2
(
) TYP
2.75
(
)
0.375
(
)
0.25
(
)
0.025
(
)
0.1
(
)
0.4
(
)
0.84
(
)
1.05
10X (0.25)
19X (0.45)
23X (0.25)
(R0.05) TYP
(R0.05) TYP
VQFN-CLIP - 1.05 mm max height
RRB0041A
PLASTIC QUAD FLATPACK - NO LEAD
4224073/A 03/2018
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PAST EXAMPLE
BASED ON 0.125 mm THICK STENCIL
PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
PADS 7-9 & 20-24: 70%
PAD 40: 70%
SCALE: 20X
EXPOSED METAL
TYP
METAL UNDER
SOLDER MASK
TYP
SOLDER MASK
EDGE
TYP
EXPOSED METAL
TYP
1
6
9
10
19
20
29
24
25
30
39
40
41
7
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning
and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525
may have alternate design recommendations.
www.ti.com
CSD95430RRB
SLPS759 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: CSD95430RRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com