Electronic Components Datasheet Search
  English  ▼

X  

CSD95430 Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD95430
Description  CSD95430RRB Synchronous Buck NexFET™ Smart Power Stage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD95430 Datasheet(HTML) 1 Page - Texas Instruments

  CSD95430 Datasheet HTML 1Page - Texas Instruments CSD95430 Datasheet HTML 2Page - Texas Instruments CSD95430 Datasheet HTML 3Page - Texas Instruments CSD95430 Datasheet HTML 4Page - Texas Instruments CSD95430 Datasheet HTML 5Page - Texas Instruments CSD95430 Datasheet HTML 6Page - Texas Instruments CSD95430 Datasheet HTML 7Page - Texas Instruments CSD95430 Datasheet HTML 8Page - Texas Instruments CSD95430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CSD95430RRB Synchronous Buck NexFET™ Smart Power Stage
1 Features
• Active current balancing between paralleled
phases sharing a single PWM input
• Peak continuous current: 90-A
• System efficiency: > 95% at 30-A
• High-frequency operation: 1.25-MHz
• Diode emulation function to enable efficiency
discontinuous conduction mode (DCM) operation
• Temperature compensated bi-directional current
sense
• Analog temperature output
• Fault monitoring
• PWM signal compatible: 3.3 V and 5 V
• Tri-state PWM input
• Integrated bootstrap switch
• Optimized dead-time for shoot-through protection
• High-density industry common QFN 5-mm x 6-mm
footprint
• Ultra-low inductance package
• System-optimized PCB footprint
• Thermally enhanced topside cooling
• RoHS compliant - lead-free terminal plating
• Halogen free
2 Applications
• Multiphase synchronous buck converters
– Greater than 500-A
– High-frequency
• Memory and graphic cards
• Data center and network switches
• Campus and branch switches
• Core and edge routers
• Hardware accelerator cards
• High-performance CPU/ASIC/FPGA power
3 Description
The CSD95430RRB NexFET™ power stage is a
highly optimized design for use in a high-power, high-
density synchronous buck converter. This product
integrates the driver IC and power MOSFETs to
complete the power stage switching function. This
combination produces high-current, high-efficiency,
and high-speed switching capability in a small 5-mm ×
6-mm outline package. It also integrates the accurate
current sensing and temperature sensing functionality
to simplify system design and improve accuracy. In
addition, the PCB footprint has been optimized to help
reduce design time and simplify the completion of the
overall system design. This power stage features an
active current balance feature which allows multiple
power stages to be paralleled off a single PWM input.
This enables phase multiplication for very high current
applications without the need for a similarly high
phase count controller. The active current balance
ensures that the multiplied phases share current
evenly so no significant derating of current capability
is needed when paralleling phases.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
CSD95430RRB
VQFN-CLIP
5.00 mm x 6.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
CSD95430RRB
SLPS759 – JANUARY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD95430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95430 TI1-CSD95430 Datasheet
1,000Kb / 12P
CSD95430RRB Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD95430RRB TI1-CSD95430RRB Datasheet
1,000Kb / 12P
CSD95430RRB Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
More results

Similar Description - CSD95430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
Synchronous Buck NexFET Smart Power Stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
Synchronous buck NexFET smart power stage
CSD95410RRB TI-CSD95410RRB Datasheet
829Kb / 14P
CSD95410RRB Synchronous Buck NexFET™ Smart Power Stage
SEPTEMBER 2020
CSD95420RCB TI-CSD95420RCB Datasheet
1Mb / 15P
CSD95420RCB Synchronous Buck NexFET™ Smart Power Stage
NOVEMBER 2020
CSD95411 TI-CSD95411 Datasheet
1,019Kb / 15P
CSD95411 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96415 TI-CSD96415 Datasheet
805Kb / 11P
CSD96415RWJ Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD95430RRB TI1-CSD95430RRB Datasheet
1,000Kb / 12P
CSD95430RRB Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96416 TI1-CSD96416 Datasheet
802Kb / 11P
CSD96416 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com