Electronic Components Datasheet Search
  English  ▼

X  

CSD95430 Datasheet(PDF) 11 Page - Texas Instruments

Part # CSD95430
Description  CSD95430RRB Synchronous Buck NexFET™ Smart Power Stage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD95430 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CSD95430 Datasheet HTML 4Page - Texas Instruments CSD95430 Datasheet HTML 5Page - Texas Instruments CSD95430 Datasheet HTML 6Page - Texas Instruments CSD95430 Datasheet HTML 7Page - Texas Instruments CSD95430 Datasheet HTML 8Page - Texas Instruments CSD95430 Datasheet HTML 9Page - Texas Instruments CSD95430 Datasheet HTML 10Page - Texas Instruments CSD95430 Datasheet HTML 11Page - Texas Instruments CSD95430 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
6.7 Alternate Industry Standard Compatible Stencil Opening
www.ti.com
EXAMPLE STENCIL DESIGN
.000 PKG
0
29X (0.6)
29X (0.25)
24X (0.45)
4X (
)
2.245
4X (
)
1.375
4X (
)
1.175
4X (
)
0.305
3X (
)
0.13
3X (
)
1.05
3X (
)
1.25
4X (
)
2.17
(
)
2.6
(
) TYP
3.2
(
) TYP
2.75
(
)
0.375
(
)
0.25
(
)
0.025
(
)
0.12
(
)
0.38
(
)
0.84
(
)
1.05
10X (0.25)
9X (0.45)
(R0.05) TYP
VQFN-CLIP - 1.05 mm max height
RWJ0041A
PLASTIC QUAD FLATPACK - NO LEAD
4221590/D 04/2019
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
PADS 7-9 & 20-24: 70%; PADS 25-29: 70%
PAD 40: 70%; PAD 41: 71%
SCALE: 20X
EXPOSED
METAL
METAL UNDER
SOLDER MASK
TYP
SOLDER MASK
OPENING
TYP
EXPOSED
METAL
EXPOSED
METAL
1
6
9
10
19
20
29
24
25
30
39
40
41
7
www.ti.com
CSD95430RRB
SLPS759 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: CSD95430RRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com