Electronic Components Datasheet Search
  English  ▼

X  

8002 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 8002
Description  2.0 Watt Audio Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

8002 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  8002 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 4Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 5Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
- 4 -
V1.0
External Components Description
Components
Functional Description
Ri
Inverting input resistance which sets the closed-loop gain in conjunction with
Rf. This resistor also forms a high pass filter with Ci at fc = 1/(2πRi*Ci).
Ci
Input coupling capacitor which blocks the DC voltage at the amplifiers input
terminates. Also creates a high-pass filter with Ri at fc = 1/(2πRi*Ci).
Rf
Feedback resistance which sets the closed-loop gain in conjunction with Ri. The
gain is AVD=2*(Rf/Ri).
Cs
Supply bypass capacitor which provides power supply filtering.
Cb
Bypass pin capacitor which provides half-supply filtering. Refer to the section.
Absolute Maximum Ratings
Supply Voltage
-0.3V to 6V
Input Voltage
-0.3V to VDD+0.3V
Power Dissipation
See Dissipation Rating Table
Junction Temperature
-40℃ to +150℃
Storage Temperature
-65℃ to +150℃
Thermal Resistance
θ
JC(MSOP8)
56℃/W
θ
JA(MSOP8)
190℃/W
θ
JA(SOP8)
184℃/W
Operating Ratings
Temperature Range
-40℃≦TA≦85℃
Supply Voltage
2.2V≦VDD≦5.5V
NOTE: Absolute Maximum Ratings indicate limits
beond which damage to the device may occur.
Operating Rating indicate conditions for which the
device is functional, but do not guarantee specific
performance limits.
Electrical Characteristics
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified.
Limits apply for TA = 25℃.
VDD = 5V
Spec
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIN = 0V,
8
Load
3.0
8
mA
IDD
Quiescent Power Supply Current
VIN = 0V,
No Load
2.5
7
mA
ISD
Shutdown Current
VIN=0V, VSHD=GND, No Load
0.5
uA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com