Electronic Components Datasheet Search
  English  ▼

X  

8002 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 8002
Description  2.0 Watt Audio Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

8002 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  8002 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 4Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 5Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
- 5 -
V1.0
VSDIH
Shutdown Voltage Input High
1.2
V
VSDIL
Shutdown Voltage Input Low
0.9
V
VOS
Output Offset Voltage
-50
6
50
mV
THD+N Total Harmonic Distortion+Noise Po=0.5Wrms,
f=1KHz,
0.07
%
PO
Output Power
THD+N<=1%,
f=1KHz,
8
Load
1.
5
W
PO
Output Power
THD+N<=10%,
f=1KHz,
4
Load
2.0
W
Input terminated with 10 ,
VDDRIPPLE=0.2VP-P, f=217Hz
60
dB
PSRR
Power Supply Rejection Ratio
Input terminated with 10 ,
VDDRIPPLE=0.2VP-P, f=1KHz
61
dB
TWU
Wake-up time
100
ms
VDD = 3V
Spec
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIN = 0V,
8
Load
2
7
mA
IDD
Quiescent Power Supply Current
VIN = 0V,
No Load
1.5
6
mA
ISD
Shutdown Current
VIN=0V, VSHD=GND, No Load
0.5
uA
VSDIH
Shutdown Voltage Input High
1.0
V
VSDIL
Shutdown Voltage Input Low
0.7
V
VOS
Output Offset Voltage
-50
6
50
mV
THD+N Total Harmonic Distortion+Noise Po=0.25Wrms,
f=1KHz,
0.08
%
PO
Output Power
THD+N<=1%,
f=1KHz,
8
Load
350
mW
Input terminated with 10 ,
VDDRIPPLE=0.2VP-P, f=217Hz
57
dB
PSRR
Power Supply Rejection Ratio
Input terminated with 10 ,
VDDRIPPLE=0.2VP-P, f=1KHz
58
dB
TWU
Wake-up time
75
ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com