Electronic Components Datasheet Search
  English  ▼

X  

8002 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8002
Description  2.0 Watt Audio Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

8002 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8002 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 4Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 5Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
- 1 -
V1.0
2.0 Watt Audio Power Amplifier
Features
Improved PSRR at 217 Hz & 1 KHz
60 dB
Power output at 5.0V, 10% THD+N, 4
2.0 W (typ.)
Power output at 5.0V, 1% THD+N, 8
1.
5 W (typ.)
2.2V – 5.5V operation
Improved circuitry eliminates pop-click noise during turn-on and turn-off transitions
No output coupling capacitors, snubber networks or bootstrap capacitors required
Unity-gain stable
External gain configuration capability
Packages: SOP8
General Description
The
8002 is a Class-AB audio power amplifier. It is capable of delivering 2.0 watts of
continuous average power to an 4
BTL load with less than 10% distortion (THD+N) from a
5VDC power supply, or 1.
5 watts continuous average power to an 8
BTL load with less than
1% distortion.
The
8002 is designed specifically to provide high quality output power with a minimal
amount of external components. It does not require output coupling capacitors or bootstrap
capacitors. The
8002 is ideally suited for audio speakers and other low voltage applications.
With special pop-click eliminating circuit, the
8002 provides perfect pop-click characteristic
during turn-on and turn-off transitions.
The
8002 is unity-gain stable and can be configured by external gain-setting resistors.
Applications
Audio speakers
Desktop computers
Low voltage audio systems
Pin Diagrams


Similar Part No. - 8002

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8002 FILTRAN-8002 Datasheet
200Kb / 1P
T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
RHOPOINT COMPONENTS
8002 RHOPOINT-8002 Datasheet
66Kb / 2P
DIP Reed Relays
logo
List of Unclassifed Man...
8002 ETC2-8002 Datasheet
629Kb / 17P
Portable computers
logo
INCOME TECHNOLOGY
8002 INCOME-8002 Datasheet
602Kb / 14P
Power Output at 5.0V, 10% THDN, 3Ω 3W (typ)
logo
VECTOR ELECTRONICS AND ...
8002 VECTOR-8002 Datasheet
277Kb / 4P
Prototyping Boards (Circbord®)
More results

Similar Description - 8002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2002 NSC-LM2002 Datasheet
131Kb / 4P
8 Watt Audio Power Amplifier
logo
EIC discrete Semiconduc...
ECP200 EIC-ECP200 Datasheet
86Kb / 5P
2.0 WATT POWER AMPLIFIER
logo
National Semiconductor ...
LM4907 NSC-LM4907 Datasheet
1Mb / 17P
1 Watt Audio Power Amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8891 LYONTEK-LY8891_12 Datasheet
578Kb / 12P
2.0 Watt Audio Power Amplifier
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
2.7 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8891 LYONTEK-LY8891_17 Datasheet
415Kb / 11P
2.0 Watt Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com