Electronic Components Datasheet Search
  English  ▼

X  

USB3300 Datasheet(PDF) 24 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 24 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 20Page - SMSC Corporation USB3300 Datasheet HTML 21Page - SMSC Corporation USB3300 Datasheet HTML 22Page - SMSC Corporation USB3300 Datasheet HTML 23Page - SMSC Corporation USB3300 Datasheet HTML 24Page - SMSC Corporation USB3300 Datasheet HTML 25Page - SMSC Corporation USB3300 Datasheet HTML 26Page - SMSC Corporation USB3300 Datasheet HTML 27Page - SMSC Corporation USB3300 Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.08 (11-07-07)
24
SMSC USB3300
DATASHEET
6.1.4.3
Product ID Low: Address = 02h (read only)
6.1.4.4
Vendor ID Low: Address = 03h (read only)
6.1.4.5
Function Control: Address = 04-06h (read), 04h (write), 05h (set), 06h (clear)
FIELD NAME
BIT
DEFAULT
DESCRIPTION
Product ID Low
7:0
04h
SMSC Product ID revision A0
FIELD NAME
BIT
DEFAULT
DESCRIPTION
Product ID High
7:0
00h
SMSC Product ID revision A0
FIELD NAME
BIT
DEFAULT
DESCRIPTION
XcvrSelect[1:0]
1:0
01b
Selects the required transceiver speed.
00b: Enables HS transceiver
01b: Enables FS transceiver
10b: Enables LS transceiver
11b: Enables FS transceiver for LS packets (FS preamble
automatically pre-pended)
TermSelect
2
0b
Controls the DP and DM termination depending on XcvrSelect,
OpMode, DpPulldown, and DmPulldown. The Dp and DM
termination is detailed in Table 6.8, "DP/DM termination vs.
Signaling Mode".
OpMode
4:3
00b
Selects the required bit encoding style during transmit.
00b: Normal Operation
01b: Non-Driving
10b: Disable bit-stuff and NRZI encoding
11b: Reserved
Reset
5
0b
Active high transceiver reset. This reset does not reset the ULPI
interface or register set. Automatically clears after reset is
complete.
SuspendM
6
1b
Active low PHY suspend. When cleared the PHY will enter Low
Power Mode as detailed in Section 6.1.9, "Low Power Mode".
Automatically set when exiting Low Power Mode.
Reserved
7
0b
Driven low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com