Electronic Components Datasheet Search
  English  ▼

X  

USB3300 Datasheet(PDF) 50 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 50 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 46Page - SMSC Corporation USB3300 Datasheet HTML 47Page - SMSC Corporation USB3300 Datasheet HTML 48Page - SMSC Corporation USB3300 Datasheet HTML 49Page - SMSC Corporation USB3300 Datasheet HTML 50Page - SMSC Corporation USB3300 Datasheet HTML 51Page - SMSC Corporation USB3300 Datasheet HTML 52Page - SMSC Corporation USB3300 Datasheet HTML 53Page - SMSC Corporation USB3300 Datasheet HTML 54Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.08 (11-07-07)
50
SMSC USB3300
DATASHEET
7.2
Multi-port Applications
To support multiple ports a single USB3300 host can be combined with one of SMSC’s many hub
products to expand the number of ports. SMSC has 2-port, 3-port, 4-port, and 7-port hub designs which
can be used to expand the number of ports in a design.
Using a SMSC hub to expand the number of ports allows a single Link to run several USB devices
without a separate Link to support each USB port. Another advantage of using a SMSC hub is on
products where the main board is not located near the USB ports. The USB3300 can be placed on
the main board with the Link ASIC and the hub can be placed on a separate board next to the USB
ports. The only data connection required between the boards is DP and DM.
The CPEN output of the USB3300 is optional and can be used to turn the Hub on or off to lower current
when the USB connection isn’t needed.
7.3
Evaluation Board
An evaluation board, EVB-USB3300, is available for building a prototype system with the USB3300.
The evaluation board provides an industry standard T&MT connector to interface a ULPI Link controller
and a Mini-AB connector for the USB cable. A 500mA fault protected 5V Vbus switch that is controlled
by the USB3300 is also included.
7.4
ESD Performance
The USB3300 is protected from ESD strikes. By eliminating the requirement for external ESD
protection devices, board space is conserved, and the board manufacturer is enabled to reduce cost.
The advanced ESD structures integrated into the USB3300 protect the device whether or not it is
powered up. When the USB3300 is not powered, the digital I/O pins are loaded by the ESD structures,
and must not be driven by external signals.
Figure 7.4 Expanding Downstream Ports for USB3300 Host Applications
USB3300
DP
DM
CPEN
USBDP0
USBDM0
VBUS_DET
SOC w/
ULPI Link
DP
DM
USB Port 1
USBDP1
USBDN1
DIR
NXT
STP
DATA[7]
DATA[6]
DATA[5]
DATA[4]
DATA[3]
DATA[2]
DATA[1]
DATA[0]
CLOCK
DIR
NXT
STP
DATA[7]
DATA[6]
DATA[5]
DATA[4]
DATA[3]
DATA[2]
DATA[1]
DATA[0]
CLOCK
USB2502
DP
DM
USB Port 2
USBDP2
USBDN2
DP
DM
USB Port 3
USBDP3
USBDN3
DP
DM
USB Port 4
USBDP4
USBDN4
DP
DM
USB Ports 5-7
USBDP5-7
USBDN5-7
USB2507
USB2503
USB2504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com