Electronic Components Datasheet Search
  English  ▼

X  

MP1541 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1541
Description  1.3MHz Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1541 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1541 Datasheet HTML 1Page - Monolithic Power Systems MP1541 Datasheet HTML 2Page - Monolithic Power Systems MP1541 Datasheet HTML 3Page - Monolithic Power Systems MP1541 Datasheet HTML 4Page - Monolithic Power Systems MP1541 Datasheet HTML 5Page - Monolithic Power Systems MP1541 Datasheet HTML 6Page - Monolithic Power Systems MP1541 Datasheet HTML 7Page - Monolithic Power Systems MP1541 Datasheet HTML 8Page - Monolithic Power Systems MP1541 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP1541 – 1.3MHz BOOST CONVERTER
MP1541 Rev.1.5
www.MonolithicPower.com
3
9/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
SW
GND
FB
1
2
3
5
4
IN
EN
TSOT23-5
QFN-8 (2mmX2mm)
ABSOLUTE MAXIMUM RATINGS (1)
SW Pin...........................................–0.3V to 25V
All Other Pins................................–0.3V to 6.5V
Junction Temperature...............................150°C
Continuous Power Dissipation (TA = +25°C)
(2)
TSOT23-5 ................................................ 0.47W
QFN-8 (2mmx2mm)................................. 1.56W
Lead Temperature ....................................260°C
Storage Temperature.............. –65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .............................2.5V to 6V
Output Voltage VOUT............................3V to 22V
Operating Temperature............. –40°C to +85°C
Maximum Junction Temp. (TJ) ............. +125°C
Thermal Resistance
(4)
θJA
θJC
TSOT25 ................................. 220 .... 110..
C/W
QFN-8 (2mmX2mm) ............... 80 ...... 16...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating range.
4) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com