Electronic Components Datasheet Search
  English  ▼

X  

MP1541 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1541
Description  1.3MHz Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1541 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1541 Datasheet HTML 1Page - Monolithic Power Systems MP1541 Datasheet HTML 2Page - Monolithic Power Systems MP1541 Datasheet HTML 3Page - Monolithic Power Systems MP1541 Datasheet HTML 4Page - Monolithic Power Systems MP1541 Datasheet HTML 5Page - Monolithic Power Systems MP1541 Datasheet HTML 6Page - Monolithic Power Systems MP1541 Datasheet HTML 7Page - Monolithic Power Systems MP1541 Datasheet HTML 8Page - Monolithic Power Systems MP1541 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP1541 – 1.3MHz BOOST CONVERTER
MP1541 Rev.1.5
www.MonolithicPower.com
4
9/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 5V, TA = +25C unless otherwise specified.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
2.5
6
V
Undervoltage Lockout
2.25
2.45
V
Undervoltage Lockout
Hysteresis
92
mV
Supply Current (Shutdown)
VEN = 0V
0.1
1
µA
Supply Current (Quiescent)
VFB = 1.3V
635
850
µA
Switching Frequency
fSW
1.0
1.3
1.6
MHz
Maximum Duty Cycle
VFB = 0V
80
85
%
EN Threshold
VEN Rising
1.0
1.3
1.6
V
EN Threshold
VEN Rising, VIN = 2.5V
1.1
V
EN Hysteresis
100
mV
EN Input Bias Current
VEN = 0V, 6V
1
µA
FB Voltage
VFB
1.21
1.25
1.29
V
FB Input Bias Current
VFB = 1.25V
–100
–30
nA
SW On-Resistance
(5)
RDS (ON)
0.65
Ω
SW Current Limit
(5)
1.9
A
SW Leakage
VSW = 15V
1
µA
Thermal Shutdown
(5)
160
C
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com