Electronic Components Datasheet Search
  English  ▼

X  

MP1541 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1541
Description  1.3MHz Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1541 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1541 Datasheet HTML 2Page - Monolithic Power Systems MP1541 Datasheet HTML 3Page - Monolithic Power Systems MP1541 Datasheet HTML 4Page - Monolithic Power Systems MP1541 Datasheet HTML 5Page - Monolithic Power Systems MP1541 Datasheet HTML 6Page - Monolithic Power Systems MP1541 Datasheet HTML 7Page - Monolithic Power Systems MP1541 Datasheet HTML 8Page - Monolithic Power Systems MP1541 Datasheet HTML 9Page - Monolithic Power Systems MP1541 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP1541 – 1.3MHz BOOST CONVERTER
MP1541 Rev.1.5
www.MonolithicPower.com
6
9/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Function
TSSOT
QFN
1
8
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect
the power inductor and output rectifier to SW. SW can swing between GND and
22V.
2
1,4
GND
Ground.
3
5
FB
Feedback Input. FB voltage is 1.25V. Connect a resistor divider to FB.
4
3
EN
Regulator On/Off Control Input. A high input at EN turns on the converter, and a
low input turns it off. When not used, connect EN to the input source for
automatic startup. The EN pin cannot be left floating.
5
2
IN
Input Supply Pin. Must be locally bypassed.
N.A
6,7
N/C
Do not connect. Reserved for factory use.
OPERATION
The MP1541 uses a fixed frequency, peak current
mode boost regulator architecture to regulate
voltage at the feedback pin. The operation of the
MP1541 can be understood by referring to the
block diagram of Figure 1. At the start of each
oscillator cycle the MOSFET is turned on through
the control circuitry. To prevent sub-harmonic
oscillations at duty cycles greater than 50 percent,
a stabilizing ramp is added to the output of the
current sense amplifier and the result is fed into
the negative input of the PWM comparator. When
this voltage equals the output voltage of the error
amplifier the power MOSFET is turned off. The
voltage at the output of the error amplifier is an
amplified version of the difference between the
1.25V bandgap reference voltage and the
feedback voltage. In this way the peak current
level keeps the output in regulation. If the
feedback voltage starts to drop, the output of the
error amplifier increases. This results in more
current to flow through the power MOSFET, thus
increasing the power delivered to the output.
The MP1541 has internal soft start to limit the
amount of input current at startup and to also
limit the amount of overshoot on the output. The
current limit is increased by a fourth every 40
s
giving a total soft start time of 120
s.
PWM
COMPARATOR
ERROR
AMPLIFIER
CC
RC
CONTROL
LOGIC
CURRENT
SENSE
AMPLIFIER
SW
M1
GND
+
-
1
FB
3
2
1.3MHz
OSC
+
-
-
+
+
1.25V
MP1541-F01-BD01
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com