Electronic Components Datasheet Search
  English  ▼

X  

DP83849IF Datasheet(PDF) 20 Page - Texas Instruments

Part # DP83849IF
Description  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IF Datasheet(HTML) 20 Page - Texas Instruments

Back Button DP83849IF Datasheet HTML 16Page - Texas Instruments DP83849IF Datasheet HTML 17Page - Texas Instruments DP83849IF Datasheet HTML 18Page - Texas Instruments DP83849IF Datasheet HTML 19Page - Texas Instruments DP83849IF Datasheet HTML 20Page - Texas Instruments DP83849IF Datasheet HTML 21Page - Texas Instruments DP83849IF Datasheet HTML 22Page - Texas Instruments DP83849IF Datasheet HTML 23Page - Texas Instruments DP83849IF Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 108 page
background image
Data
(J/K)
IDLE
T2.9.2
T2.9.1
CRS
PMD Input Pair
RXD[3:0]
RX_DV
RX_ER
10%
90%
+1 rise
+1 fall
-1 fall
-1 rise
90%
10%
T2.8.1
T2.8.1
T2.8.1
T2.8.1
PMD Output Pair
T2.8.2
PMD Output Pair
eye pattern
T2.8.2
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
4.12 AC Specifications — 100BASE-TX Transmit Timing (tR/F & Jitter)
(1)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.8.1
100 Mb/s PMD Output Pair tR and tF
3
4
5
ns
100 Mb/s tR and tF Mismatch
(2)
500
ps
T2.8.2
100 Mb/s PMD Output Pair Transmit Jitter
1.4
ns
(1)
Rise and fall times taken at 10% and 90% of the +1 or -1 amplitude
(2)
Normal Mismatch is the difference between the maximum and minimum of all rise and fall times
4.13 AC Specifications — 100BASE-TX and 100BASE-FX MII Receive Packet Latency
Timing
(1) (2)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.9.1
Carrier Sense ON Delay(3)
100BASE-TX mode
20
bits
100BASE-FX mode
10
T2.9.2
Receive Data Latency
100BASE-TX mode
24
bits
100BASE-FX mode
14
(1)
PMD Input Pair voltage amplitude is greater than the Signal Detect Turn-On Threshold Value.
(2)
1 bit time = 10 ns in 100 Mb/s mode.
(3)
Carrier Sense On Delay is determined by measuring the time from the first bit of the “J” code group to the assertion of Carrier Sense.
20
Electrical Specifications
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com