Electronic Components Datasheet Search
  English  ▼

X  

DP83849IF Datasheet(PDF) 65 Page - Texas Instruments

Part # DP83849IF
Description  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IF Datasheet(HTML) 65 Page - Texas Instruments

Back Button DP83849IF Datasheet HTML 61Page - Texas Instruments DP83849IF Datasheet HTML 62Page - Texas Instruments DP83849IF Datasheet HTML 63Page - Texas Instruments DP83849IF Datasheet HTML 64Page - Texas Instruments DP83849IF Datasheet HTML 65Page - Texas Instruments DP83849IF Datasheet HTML 66Page - Texas Instruments DP83849IF Datasheet HTML 67Page - Texas Instruments DP83849IF Datasheet HTML 68Page - Texas Instruments DP83849IF Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
8.8.1.3
100MB Cable Length Estimation
The DP83849IF provides a method of estimating cable length based on electrical characteristics of the
100Mb Link. This essentially provides an effective cable length rather than a measurement of the physical
cable length. The cable length estimation is only available in 100Mb mode of operation with a valid Link
status. The cable length estimation is available at the Link Diagnostics Registers - Page 2, register 100Mb
Length Detect (LEN100_DET), address 14h.
8.8.1.4
Frequency Offset Relative to Link Partner
As part of the 100Mb clock recovery process, the DSP implementation provides a frequency control
parameter. This value may be used to indicate the frequency offset of the device relative to the link
partner. This operation is only available in 100Mb operation with a valid link status. The frequency offset
can be determined using the register 100Mb Frequency Offset Indication (FREQ100), address 15h, of the
Link Diagnostics Registers - Page 2.
Two different versions of the Frequency Offset may be monitored through bits [7:0] of register FREQ100
(15h). The first is the long-term Frequency Offset. The second is the current Frequency Control value,
which includes short-term phase adjustments and can provide information on the amount of jitter in the
system.
8.8.1.5
Cable Signal Quality Estimation
The cable signal quality estimator keeps a simple tracking of results of the DSP and can be used to
generate an approximate Signal-to-Noise Ratio for the 100Mb receiver. This information is available to
software through the Link Diagnostics Registers - Page 2: Variance Control (VAR_CTRL), address 1Ah
and Data (VAR_DATA), address 1Bh.
The variance computation times (VAR_TIMER) can be chosen from the set of {2, 4, 6, 8} ms. The 32-bit
variance sum can be read by two consecutive reads of the VAR_DATA register. This sum can be used to
compute an SNR estimate by software using the following equation:
SNR = 10log10((37748736 * VAR_TIMER) / Variance).
(1)
8.8.2
Link Quality Monitor
The Link Quality Monitor allows a method to generate an alarm when the DSP adaption strays from a
programmable window. This could occur due to changes in the cable which could indicate a potential
problem. Software can program thresholds for the following DSP parameters to be used to interrupt the
system:
•
Digital Equalizer C1 Coefficient (DEQ C1)
•
Digital Adaptive Gain Control (DAGC)
•
Digital Base-Line Wander Control (DBLW)
•
Recovered Clock Long-Term Frequency Offset (FREQ)
•
Recovered Clock Frequency Control (FC)
Software is expected to read initial adapted values and then program the thresholds based on an
expected valid range. This mechanism takes advantage of the fact that the DSP adaption should remain in
a relatively small range once a valid link has been established.
8.8.2.1
Link Quality Monitor Control and Status
Control of the Link Quality Monitor is done through the Link Quality Monitor Register (LQMR), address
1Dh and the Link Quality Data Register (LQDR), address 1Bh of the Link Diagnostics Registers - Page 2.
The LQMR register includes a global enable to enable the Link Quality Monitor function. In addition, it
provides warning status from both high and low thresholds for each of the monitored parameters. Note
that individual low or high parameter threshold comparisons can be disabled by setting to the minimum or
maximum values.
Copyright © 2009–2013, Texas Instruments Incorporated
Design Guidelines
65
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com