Electronic Components Datasheet Search
  English  ▼

X  

DP83849IF Datasheet(PDF) 36 Page - Texas Instruments

Part # DP83849IF
Description  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IF Datasheet(HTML) 36 Page - Texas Instruments

Back Button DP83849IF Datasheet HTML 32Page - Texas Instruments DP83849IF Datasheet HTML 33Page - Texas Instruments DP83849IF Datasheet HTML 34Page - Texas Instruments DP83849IF Datasheet HTML 35Page - Texas Instruments DP83849IF Datasheet HTML 36Page - Texas Instruments DP83849IF Datasheet HTML 37Page - Texas Instruments DP83849IF Datasheet HTML 38Page - Texas Instruments DP83849IF Datasheet HTML 39Page - Texas Instruments DP83849IF Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
VCC
165:
165:
165:
GND
AN0_A = 1
AN1_A = 1
AN_EN_A = 0
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
Activity is defined as configured in LEDACT_RX, bit 8 of register LEDCR (18h). If LEDACT_RX is 0,
Activity is signaled for either transmit or receive. If LEDACT_RX is 1, Activity is only signaled for receive.
The LED_SPEED pin indicates 10 or 100 Mb/s data rate of the port. The LED is ON when operating in
100Mb/s mode and OFF when operating in 10Mb/s mode. The functionality of this LED is independent of
mode selected.
The LED_ACT/LED_COL pin in Mode 1 indicates the presence of either transmit or receive activity. The
LED will be ON for Activity and OFF for No Activity. In Mode 2, this pin indicates the Collision status of the
port. The LED will be ON for Collision and OFF for No Collision.
The LED_ACT/LED_COL pin in Mode 3 indicates Duplex status for 10 Mb/s or 100 Mb/s operation. The
LED will be ON for Full Duplex and OFF for Half Duplex.
In 10 Mb/s half duplex mode, the collision LED is based on the COL signal.
Since these LED pins are also used as strap options, the polarity of the LED is dependent on whether the
pin is pulled up or down.
5.5.1
LEDs
Since the Auto-Negotiation (AN) strap options share the LED output pins, the external components
required for strapping and LED usage must be considered in order to avoid contention.
Specifically, when the LED outputs are used to drive LEDs directly, the active state of each output driver is
dependent on the logic level sampled by the corresponding AN input upon power-up/reset. For example, if
a given AN input is resistively pulled low then the corresponding output will be configured as an active
high driver. Conversely, if a given AN input is resistively pulled high, then the corresponding output will be
configured as an active low driver.
Refer to Figure 5-2 for an example of AN connections to external components at port A. In this example,
the AN strapping results in Auto-Negotiation disabled with 100 Full-Duplex forced.
The adaptive nature of the LED outputs helps to simplify potential implementation issues of these dual
purpose pins.
Figure 5-2. AN Strapping and LED Loading Example
36
Configuration
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com