Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 35 Page - Texas Instruments

Part # DIX9211
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 31Page - Texas Instruments DIX9211 Datasheet HTML 32Page - Texas Instruments DIX9211 Datasheet HTML 33Page - Texas Instruments DIX9211 Datasheet HTML 34Page - Texas Instruments DIX9211 Datasheet HTML 35Page - Texas Instruments DIX9211 Datasheet HTML 36Page - Texas Instruments DIX9211 Datasheet HTML 37Page - Texas Instruments DIX9211 Datasheet HTML 38Page - Texas Instruments DIX9211 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
35
DIX4192
www.ti.com
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Figure 36. Register 0E: Receiver Control Register 2
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
LOL
RXAMLL
RXCKOD1
RXCKOD0
RXCKOE
Table 17. Register 0E: Receiver Control Register 2 Field Descriptions
RXCKOE
RXCKOE Output Enable
This bit is used to enable or disable the recovered clock output, RXCKO (pin 12). When disabled, the output is set to a high-impedance
state.
RXCKOE
RXCKO Output State
0
Disabled; the RXCKO output is set to high-impedance. (default)
1
Enabled; the recovered master clock is available at RXCKO.
RXCKOD[1:0]
RXCKO Output Clock Divider
These bits are used to set the clock divider at the output of PLL2. The output of the divider is the RXCKO clock, available internally or at
the RXCKO output (pin 12).
RXCKOD1
RXCKOD0
RXCKO Output Divider
0
0
Passthrough; no division is performed. (default)
0
1
Divide the PLL2 clock output by 2.
1
0
Divide the PLL2 clock output by 4.
1
1
Divide the PLL2 clock output by 8.
RXAMLL
Receiver Automatic Mute for Loss of Lock
This bit is used to set the automatic mute function for the DIR block when a loss of lock is indicated by both the AES3 decoder and PLL2.
RXAMLL
Receiver Auto-Mute Function
0
Disabled (default)
1
Enabled; audio data output from the DIR block is forced low for a loss of lock condition.
LOL
Receiver Loss of Lock Mode for the Recovered Clock (output from PLL2)
This bit is used to set the mode of operation for PLL2 when a loss of lock condition occurs.
LOL
Receiver PLL2 Operation
0
The PLL2 output clock is stopped for a loss of lock condition. (default)
1
The PLL2 output clock free runs when a loss of lock condition occurs.
Figure 37. Register 0F: Receiver PLL1 Configuration Register 1
7 (MSB)
6
5
4
3
2
1
0 (LSB)
P3
P2
P1
P0
J5
J4
J3
J2
Figure 38. Register 10: Receiver PLL1 Configuration Register 2
7 (MSB)
6
5
4
3
2
1
0 (LSB)
J1
J0
D13
D12
D11
D10
D9
D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com