Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 52 Page - Texas Instruments

Part # DIX9211
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 52 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 48Page - Texas Instruments DIX9211 Datasheet HTML 49Page - Texas Instruments DIX9211 Datasheet HTML 50Page - Texas Instruments DIX9211 Datasheet HTML 51Page - Texas Instruments DIX9211 Datasheet HTML 52Page - Texas Instruments DIX9211 Datasheet HTML 53Page - Texas Instruments DIX9211 Datasheet HTML 54Page - Texas Instruments DIX9211 Datasheet HTML 55Page - Texas Instruments DIX9211 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
37
38
39
40
41
42
43
44
45
46
47
48
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
BCKA
LR KA
C
SDI A
N
SDOUTA
NC
VIO
DGND3
BGND
SDOUTB
SDI B
N
LR KB
C
BCKB
RX +
1
RX -
1
RX +
2
RX -
2
RX +
3
RX -
3
RX +
4
RX -
4
VCC
AGND
LOCK
RX KO
C
SYNC
BLS
AESO T
U
VDD 3
3
TX+
TX-
DGND2
GP 4
O
GP 3
O
GP 2
O
GP 1
O
MCLK
RST
INT
SDA
A1
SCL
A0
CPM
VDD 8
1
DGND1
NC
NC
RX KI
C
DIX4192IPFB
FromDigitalInputs
(Line, Optica ,Log
l
ic)
To Digital Outputs
(Line, Optical,Logic)
ToHost orExte nal
r
Logic
ToHost orExte nal
r
Logic
I C
2
Ho t
s
Controller
Audio
I/O
Device
Audio
I/O
Device
DIR
RefClock
Master
Clock
DIRRecoveredClock
VIO
10kW
2.7kW
Tie
LOorHI
37
38
39
40
41
42
43
44
45
46
47
48
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
BCKA
LRCKA
SDINA
SDOUTA
NC
VIO
DGND3
BGND
SDOUTB
SDINB
LRCKB
BCKB
RX1+
RX1-
RX2+
RX2-
RX3+
RX3-
RX4+
RX4-
VCC
AGND
LOCK
RXCKO
SYNC
BLS
AESOUT
VDD33
TX+
TX-
DGND2
GPO4
GPO3
GPO2
GPO1
MCLK
RST
INT
CDOUT
CDIN
CCLK
CS
CPM
VDD18
DGND1
NC
NC
RXCKI
DIX4192IPFB
FromDigita Inpu
l
ts
(Line, Optical,Logic)
ToDigitalOutputs
(L ne,
i
O
ca L
pti
l, ogic)
ToHost o Exter al
r
n
Logic
ToHost or xternal
E
Logic
SPI
Host
Controller
Audio
I/O
Device
Audio
I/O
Device
DIR
RefClock
Master
Clock
DIRRecoveredClock
VIO
10kW
52
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Application Information (continued)
Figure 69. Typical Application Diagram Using SPI Host Interface
(See Figure 71 for Power-Supply Connections)
Figure 70. Typical Application Diagram Using I2C Host Interface
(See Figure 71 for Power-Supply Connections)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com