Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 37 Page - Texas Instruments

Part # DIX9211
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 33Page - Texas Instruments DIX9211 Datasheet HTML 34Page - Texas Instruments DIX9211 Datasheet HTML 35Page - Texas Instruments DIX9211 Datasheet HTML 36Page - Texas Instruments DIX9211 Datasheet HTML 37Page - Texas Instruments DIX9211 Datasheet HTML 38Page - Texas Instruments DIX9211 Datasheet HTML 39Page - Texas Instruments DIX9211 Datasheet HTML 40Page - Texas Instruments DIX9211 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
37
DIX4192
www.ti.com
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Figure 41. Register 13: Receiver Status Register 1 (Read-Only)
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
0
0
0
RXCKR1
RXCKR0
Table 21. Register 13: Receiver Status Register 1 (Read-Only) Field Descriptions
RXCKR[1:0]
Maximum Available Recovered Clock Rate
These two bits indicate the maximum available RXCKO clock rate based upon the DIR detection circuitry, which determines the frame rate
of the incoming AES3-encoded bit stream. Based upon the estimated frame rate, a maximum rate for the recovered clock output (RXCKO)
is determined and output from PLL2, as well as being loaded into the RXCKR0 and RXCKR1 status bits.
The status of the RXCKR0 and RXCKR1 bits may be used to determine the programmed value for the PLL2 output clock divider, set by the
RXCKOD0 and RXCKOD1 bits in control register 0x0E.
RXCKR1
RXCKR0
Maximum Available RXCKO Rate
0
0
Clock rate not determined.
0
1
128fS
1
0
256fS
1
1
512fS
Figure 42. Register 14: Receiver Status Register 2 (Read-Only)
7 (MSB)
6
5
4
3
2
1
0 (LSB)
CSCRC
PARITY
VBIT
BPERR
QCHG
UNLOCK
QCRC
RBTI
Note: Status bits must be unmasked in control register 0x16 in order for the status interrupts to be generated.
Table 22. Register 14: Receiver Status Register 2 (Read-Only) Field Descriptions
CSCRC
Channel Status CRC Status
CSCRC
CRC Status
0
No error
1
CRC error detected
PARITY
Parity Status
PARITY
Parity Status
0
No error
1
Parity error detected
VBIT
Validity Bit Status
VBIT
Validity Bit
0
Valid audio data indicated
1
Non-valid data indicated
BPERR
Biphase Encoding Error Status
BPERR
Biphase Encoding Status
0
No error
1
Biphase encoding error detected
QCHG
Q-Channel Sub-Code Data Change Status
QCHG
Q-Channel Data Status
0
No change in Q-channel sub-code data.
1
Q-channel data has changed. May be used to trigger a read of the Q-channel sub-code data,
registers 0x1F through 0x28.
UNLOCK
DIR Unlock Error Status
UNLOCK
DIR Lock Status
0
No error; the DIR AES3 decoder and PLL2 are locked.
1
DIR lock error; the AES3 decoder and PLL2 are unlocked.
QCRC
Q-Channel Sub-Code CRC Status
QCRC
Q-Channel CRC Status
0
No error
1
Q-channel sub-code data CRC error detected.
RBTI
Receiver Buffer Transfer Interrupt Status
RBTI
DIR RA Buffer-to-UA Buffer Transfer Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com